データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC9949G データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC9949G
部品情報  1/6 Optical Size EIA B/W Solid-State Image Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9949G データシート(HTML) 1 Page - Sanyo Semicon Device

  LC9949G Datasheet HTML 1Page - Sanyo Semicon Device LC9949G Datasheet HTML 2Page - Sanyo Semicon Device LC9949G Datasheet HTML 3Page - Sanyo Semicon Device LC9949G Datasheet HTML 4Page - Sanyo Semicon Device LC9949G Datasheet HTML 5Page - Sanyo Semicon Device LC9949G Datasheet HTML 6Page - Sanyo Semicon Device LC9949G Datasheet HTML 7Page - Sanyo Semicon Device LC9949G Datasheet HTML 8Page - Sanyo Semicon Device LC9949G Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CMOS LSI
Ordering number : EN*5217
22896HA (OT) No. 5217-1/10
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/6" Optical Size EIA B/W
Solid-State Image Sensor
LC9949G
Overview
The LC9949G is a 1/6" optical size frame transfer type
CCD (charge-coupled device) solid-state image sensor
developed for use in black-and-white video cameras.
Features
• Effective number of pixels (total pixels): 384H
× 492V
(410H
× 500V)
• Number of optical black pixels:
Horizontal direction: Front: 5 pixels
Back: 21 pixels
Vertical direction:
Front: 5 pixels
Back: 3 pixels
• Dummy bits: Horizontal direction: 4 pixels
• Horizontal resolution: 280 TV lines
• Supports miniature, compact camera designs.
• Package: 20-pin half-pitch transparent DIP
• Horizontal shift register: 5 V drive
• Supports variable-speed electronic shutter operation
Device Structure
• 1/6" type frame transfer CCD image sensor
• Unit cell size: 6.5 µm (H)
× 3.8 µm (V)
• Chip size: 3.79 mm (H)
× 4.44 mm (V)
• Parallel gate CCD sensor
• Built-in high-sensitivity output amplifier
Specifications
Absolute Maximum Ratings at Ta = 25°C
Package Dimensions
unit: mm
3218
Preliminary
[LC9949G]
Parameter
Symbol
Conditions
Ratings
Unit
VDD
VPW = 0 V
–0.3 to +18
V
VGG
VPW = 0 V
–0.3 to +5
V
Maximum supply voltage
NSUB-PW
–0.3 to +50
V
NSUB - ø1 to ø4,
–0.3 to +55
V
øS1 to øS4:
Horizontal clock pin
øR
VPW = 0 V
–0.3 to +18
V
Other clock pins
VPW = 0 V
–15 to +18
V
Other pins
VPW = 0 V
–0.3 to +10
V
Operating temperature
Topr
–10 to +60
°C
Storage temperature
Tstg
–30 to +80
°C


同様の部品番号 - LC9949G

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC9945 SANYO-LC9945 Datasheet
181Kb / 8P
   1/6 Inch Optical Size CCIR Black-and-White Solid-State Imaging Device
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
   1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
   1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
   1/5 Optical Size CCIR B/W Solid-State Image Sensor
More results

同様の説明 - LC9949G

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
   1/5 Optical Size CCIR B/W Solid-State Image Sensor
LC9998G SANYO-LC9998G Datasheet
140Kb / 11P
   1/5 Optical Size PAL Color Solid-State Image Sensor
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
   1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
logo
A1 PROs co., Ltd.
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
   1/3 inch CCD Image Sensor for EIA B/W Camera
logo
Sony Corporation
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
   1/2 inch CCD Image Sensor for EIA B/W Camera
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
   1/3-inch CCD Image Sensor for EIA B/W Camera
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
logo
Sanyo Semicon Device
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
logo
Sony Corporation
ICX058ALB SONY-ICX058ALB Datasheet
442Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Cameras?
logo
Sanyo Semicon Device
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
   1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com