データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK12C68 データシート(PDF) 6 Page - Cypress Semiconductor

部品番号 STK12C68
部品情報  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68 データシート(HTML) 6 Page - Cypress Semiconductor

Back Button STK12C68_11 Datasheet HTML 2Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 3Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 4Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 5Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 6Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 7Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 8Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 9Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
STK12C68
Document Number: 001-51027 Rev. *C
Page 6 of 24
Software RECALL
Data is transferred from the nonvolatile memory to the SRAM by
a software address sequence. A software RECALL cycle is
initiated with a sequence of Read operations in a manner similar
to the software STORE initiation. To initiate the RECALL cycle,
the following sequence of CE controlled Read operations is
performed:
1. Read address 0x0000, Valid READ
2. Read address 0x1555, Valid READ
3. Read address 0x0AAA, Valid READ
4. Read address 0x1FFF, Valid READ
5. Read address 0x10F0, Valid READ
6. Read address 0x0F0E, Initiate RECALL cycle
Internally, RECALL is a two step procedure. First, the SRAM data
is cleared; then, the nonvolatile information is transferred into the
SRAM cells. After the tRECALL cycle time, the SRAM is again
ready for Read and Write operations. The RECALL operation
does not alter the data in the nonvolatile elements. The nonvol-
atile data can be recalled an unlimited number of times.
Data Protection
The STK12C68 protects data from corruption during low voltage
conditions by inhibiting all externally initiated STORE and Write
operations. The low voltage condition is detected when VCC is
less than VSWITCH. If the STK12C68 is in a Write mode (both CE
and WE are low) at power up after a RECALL or after a STORE,
the Write is inhibited until a negative transition on CE or WE is
detected. This protects against inadvertent writes during power
up or brown out conditions.
Noise Considerations
The STK12C68 is a high speed memory. It must have a high
frequency bypass capacitor of approximately 0.1 µF connected
between VCC and VSS, using leads and traces that are as short
as possible. As with all high speed CMOS ICs, careful routing of
power, ground, and signals reduce circuit noise.
Hardware Protect
The STK12C68 offers hardware protection against inadvertent
STORE operation and SRAM Writes during low voltage condi-
tions. When VCAP<VSWITCH, all externally initiated STORE
operations and SRAM Writes are inhibited. AutoStore can be
completely disabled by tying VCC to ground and applying +5V to
VCAP. This is the AutoStore Inhibit mode; in this mode, STOREs
are only initiated by explicit request using either the software
sequence or the HSB pin.
Low Average Active Power
CMOS technology provides the STK12C68 the benefit of
drawing significantly less current when it is cycled at times longer
than 50 ns. Figure 4 shows the relationship between ICC and
Read or Write cycle time. Worst case current consumption is
shown for both CMOS and TTL input levels (commercial temper-
ature range, VCC = 5.5V, 100% duty cycle on chip enable). Only
standby current is drawn when the chip is disabled. The overall
average current drawn by the STK12C68 depends on the
following items:
The duty cycle of chip enable
The overall cycle rate for accesses
The ratio of Reads to Writes
CMOS versus TTL input levels
The operating temperature
The VCC level
I/O loading
Preventing Store
The STORE function is disabled by holding HSB high with a
driver capable of sourcing 30 mA at a VOH of at least 2.2V,
because it must overpower the internal pull down device. This
device drives HSB LOW for 20
μs at the onset of a STORE.
When the STK12C68 is connected for AutoStore operation
(system VCC connected to VCC and a 68 μF capacitor on VCAP)
and VCC crosses VSWITCH on the way down, the STK12C68
attempts to pull HSB LOW. If HSB does not actually get below
VIL, the part stops trying to pull HSB LOW and abort the STORE
attempt.
Figure 4. Current Versus Cycle Time (Read)
Figure 5. Current Versus Cycle Time (Write)
[+] Feedback


同様の部品番号 - STK12C68_11

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK12C68-40M ETC-STK12C68-40M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
STK12C68-45M ETC-STK12C68-45M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
logo
Cypress Semiconductor
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK12C68-55M ETC-STK12C68-55M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
STK12C68-5C25 ETC-STK12C68-5C25 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

同様の説明 - STK12C68_11

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com