データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA214P50_1103 データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISLA214P50_1103
部品情報  14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P50_1103 データシート(HTML) 9 Page - Intersil Corporation

Back Button ISLA214P50_1103 Datasheet HTML 5Page - Intersil Corporation ISLA214P50_1103 Datasheet HTML 6Page - Intersil Corporation ISLA214P50_1103 Datasheet HTML 7Page - Intersil Corporation ISLA214P50_1103 Datasheet HTML 8Page - Intersil Corporation ISLA214P50_1103 Datasheet HTML 9Page - Intersil Corporation ISLA214P50_1103 Datasheet HTML 10Page - Intersil Corporation ISLA214P50_1103 Datasheet HTML 11Page - Intersil Corporation ISLA214P50_1103 Datasheet HTML 12Page - Intersil Corporation ISLA214P50_1103 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ISLA214P50
9
FN7571.1
March 15, 2011
Total Power Dissipation
Normal Mode
PD
2mA LVDS, (I2E powered down,
Fs/4 Filter powered down)
809
mW
3mA LVDS, (I2E powered down,
Fs/4 Filter powered down)
835
891
mW
3mA LVDS, (I2E on, Fs/4 Filter off)
867
mW
3mA LVDS, (I2E on, Fs/4 Filter on)
900
958
mW
Nap Mode
PD
89
104
mW
Sleep Mode
PD
CSB at logic high
7
19
mW
Nap/Sleep Mode Wakeup Time
Sample Clock Running
200
µs
AC SPECIFICATIONS
Differential Nonlinearity
DNL
fIN = 105MHz
No Missing Codes
-0.99
±0.5
1.4
LSB
Integral Nonlinearity
INL
fin = 105MHz
±2.5
LSB
Minimum Conversion Rate (Note 7)
fS MIN
80
MSPS
Maximum Conversion Rate
fS MAX
500
MSPS
Signal-to-Noise Ratio (Note 8)
SNR
fIN = 30MHz
72.7
dBFS
fIN = 105MHz
69.0
72.6
dBFS
fIN = 190MHz
71.9
dBFS
fIN = 363MHz
70.6
dBFS
fIN = 461MHz
70.0
dBFS
fIN = 605MHz
68.3
dBFS
Signal-to-Noise and Distortion
(Note 8)
SINAD
fIN = 30MHz
72.2
dBFS
fIN = 105MHz
68.5
71.7
dBFS
fIN = 190MHz
70.7
dBFS
fIN = 363MHz
69.3
dBFS
fIN = 461MHz
64.7
dBFS
fIN = 605MHz
60.7
dBFS
Effective Number of Bits (Note 8)
ENOB
fIN = 30MHz
11.70
Bits
fIN = 105MHz
11.09
11.62
Bits
fIN = 190MHz
11.44
Bits
fIN = 363MHz
11.22
Bits
fIN = 461MHz
10.45
Bits
fIN = 605MHz
9.79
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 500MSPS. Boldface limits apply over the
operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA214P50
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)


同様の部品番号 - ISLA214P50_1103

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA214P50IR72EV1Z RENESAS-ISLA214P50IR72EV1Z Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50IR72EV1Z RENESAS-ISLA214P50IR72EV1Z Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
ISLA214P50IRZ RENESAS-ISLA214P50IRZ Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
More results

同様の説明 - ISLA214P50_1103

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com