データシートサーチシステム |
|
ISLA214P50 データシート(PDF) 11 Page - Intersil Corporation |
|
ISLA214P50 データシート(HTML) 11 Page - Intersil Corporation |
11 / 37 page ISLA214P50 11 FN7571.1 March 15, 2011 CLKDIVRSTP Input Pull-down Resistance RIpd 100 k Ω CLKDIVRSTN Input Pull-up Resistance RIpu 100 k Ω LVDS OUTPUTS Differential Output Voltage (Note 10) VT 3mA Mode 612 mVP-P Output Offset Voltage VOS 3mA Mode 1120 1150 1200 mV Output Rise Time tR 240 ps Output Fall Time tF 240 ps CMOS OUTPUTS Voltage Output High VOH IOH = -500µA OVDD - 0.3 OVDD - 0.1 V Voltage Output Low VOL IOL = 1mA 0.1 0.3 V Output Rise Time tR 1.8 ns Output Fall Time tF 1.4 ns NOTES: 9. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending on desired function. 10. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing. Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) PARAMETER SYMBOL CONDITIONS MIN (Note 5) TYP MAX (Note 5) UNITS I2E Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. PARAMETER SYMBOL CONDITIONS MIN (Note 5) TYP MAX (Note 5) UNITS Offset Mismatch-induced Spurious Power No I2E Calibration performed -65 dBFS Active Run state enabled -70 dBFS I2E Settling Times I2Epost_t Calibration settling time for Active Run state 1000 ms Minimum Duration of Valid Analog Input tTE Allow one I2E iteration of Offset, Gain and Phase correction 100 µs Largest Interleave Spur fIN = 10MHz to 240MHz, Active Run State enabled, in Track Mode -99 dBc fIN = 10MHz to 240MHz, Active Run State enabled and previously settled, in Hold Mode -75 -80 dBc fIN = 260MHz to 490MHz, Active Run State enabled, in Track Mode -99 dBc fIN = 260MHz to 490MHz, Active Run State enabled and previously settled, in Hold Mode -75 dBc Total Interleave Spurious Power Active Run State enabled, in Track Mode, fIN is a broadband signal in the 1st Nyquist zone -85 dBc Active Run State enabled, in Track Mode, fIN is a broadband signal in the 2nd Nyquist zone -75 dBc Sample Time Mismatch Between Unit ADCs Active Run State enabled, in Track Mode 25 fs Gain Mismatch Between Unit ADCs 0.01 %FS Offset Mismatch Between Unit ADCs 1mV |
同様の部品番号 - ISLA214P50 |
|
同様の説明 - ISLA214P50 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |