データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28208FBZ データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL28208FBZ
部品情報  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208FBZ データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL28208FBZ Datasheet HTML 3Page - Intersil Corporation ISL28208FBZ Datasheet HTML 4Page - Intersil Corporation ISL28208FBZ Datasheet HTML 5Page - Intersil Corporation ISL28208FBZ Datasheet HTML 6Page - Intersil Corporation ISL28208FBZ Datasheet HTML 7Page - Intersil Corporation ISL28208FBZ Datasheet HTML 8Page - Intersil Corporation ISL28208FBZ Datasheet HTML 9Page - Intersil Corporation ISL28208FBZ Datasheet HTML 10Page - Intersil Corporation ISL28208FBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ISL28108, ISL28208
7
FN6935.1
March 17, 2011
FIGURE 7. ISL28208 TDFN TCVOS vs NUMBER OF AMPLIFIERS,
VS = ±15V
FIGURE 8. ISL28208 TDFN TCVOS vs NUMBER OF AMPLIFIERS,
VS = ±5V
FIGURE 9. VOS vs TEMPERATURE
FIGURE 10. IBIAS vs TEMPERATURE vs SUPPLY
FIGURE 11. INPUT OFFSET VOLTAGE vs INPUT COMMON MODE
VOLTAGE, VS = ±15V
FIGURE 12. INPUT OFFSET VOLTAGE vs INPUT COMMON MODE
VOLTAGE, VS = ±5V
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
TCVOS (µV/C)
0
2
4
6
8
10
12
14
16
18
20
22
24
VS = ±15V
TCVOS (µV/C)
0
2
4
6
8
10
12
14
16
18
20
22
24
VS = ±5V
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
VS = ±5V
VS = ±2.25V
VS = ±20V
VS = ±15V
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
-25
-20
-15
-10
-5
0
VS = ±5V
VS = ± 15V
VS = ±21V
VS = ±1.5V
VS = ±2.25V
INPUT COMMON MODE VOLTAGE (V)
-500
-400
-300
-200
-100
0
100
200
300
400
500
13
13.5
14
14.5
15
-16
-15.5
-15
-14.5 -14
+25°C
+125°C
VS = ±15V
-40°C
INPUT COMMON MODE VOLTAGE (V)
-500
-400
-300
-200
-100
0
100
200
300
400
500
3
3.5
4
4.5
5
-6
-5.5
-5
-4.5
-4
+25°C
+125°C
VS = ±5V
-40°C


同様の部品番号 - ISL28208FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28208FBZ RENESAS-ISL28208FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

同様の説明 - ISL28208FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com