データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA214P50IR72EV1Z データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISLA214P50IR72EV1Z
部品情報  14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P50IR72EV1Z データシート(HTML) 8 Page - Intersil Corporation

Back Button ISLA214P50IR72EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 9Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 10Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 11Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ISLA214P50
8
FN7571.1
March 15, 2011
Absolute Maximum Ratings
Thermal Information
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
OVDD to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
AVSS to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
Analog Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Clock Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Logic Input to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Logic Inputs to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Latchup (Tested per JESD-78C;Class 2,Level A . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
72 Ld QFN (Notes 3, 4) . . . . . . . . . . . . . . . .
23
0.9
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 500MSPS. Boldface limits apply over the
operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
ISLA214P50
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)
DC SPECIFICATIONS (Note 6)
Analog Input
Full-Scale Analog Input Range
VFS
Differential
1.95
2.0
2.15
VP-P
Input Resistance
RIN
Differential
300
Ω
Input Capacitance
CIN
Differential
9
pF
Full Scale Range Temp. Drift
AVTC
Full Temp
160
ppm/°C
Input Offset Voltage
VOS
-5.0
-1.3
5.0
mV
Common-Mode Output Voltage
VCM
0.94
V
Common-Mode Input Current
(per pin)
ICM
2.6
µA/MSPS
Clock Inputs
Inputs Common Mode Voltage
0.9
V
CLKP, CLKN Input Swing
1.8
V
Power Requirements
1.8V Analog Supply Voltage
AVDD
1.7
1.8
1.9
V
1.8V Digital Supply Voltage
OVDD
1.7
1.8
1.9
V
1.8V Analog Supply Current
IAVDD
374
391
mA
1.8V Digital Supply Current (Note 6)
IOVDD
3mA LVDS, (I2E powered down,
Fs/4 Filter powered down)
90
104
mA
Power Supply Rejection Ratio
PSRR
30MHz, 45mVP-P signal on AVDD
60
dB


同様の部品番号 - ISLA214P50IR72EV1Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA214P50IR72EV1Z RENESAS-ISLA214P50IR72EV1Z Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50IR72EV1Z RENESAS-ISLA214P50IR72EV1Z Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
More results

同様の説明 - ISLA214P50IR72EV1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com