データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24202IRTZ-EVALZ データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL24202IRTZ-EVALZ
部品情報  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24202IRTZ-EVALZ データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL24202IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL24202
8
FN7587.0
March 15, 2011
Assuming that the IOUT(MIN) = 0 instead of ISTEP, the expression
in Equation 14 simplifies to:
OUT Pin Leakage Current
When the voltage on the OUT pin is greater than 10V, an
additional leakage current flows into the pin in addition to the
ISET current. Figure 6 shows the ISET current and the OUT pin
current for OUT pin voltage up to 19V. In applications where the
voltage on the OUT pin will be greater than 10V, the actual output
voltage will be lower than the voltage calculated by Equation 8
due to this extra current. The graph in Figure 6 was measured
with RSET = 4.99kΩ.
Power Supply Sequence
The recommended power supply sequencing is shown in
Figure 7. When applying power, VDD should be applied before or
at the same time as AVDD. The minimum time for tVS is 0µs.
When removing power, the sequence of VDD and AVDD is not
important.
Do not remove VDD or AVDD within 100ms of the start of the
EEPROM programming cycle. Removing power before the
EEPROM programming cycle is completed may result in
corrupted data in the EEPROM.
Operating and Programming
Supply Voltage and Current
To program the EEPROM, AVDD must be ≥10.8V. If further
programming is not required, the ISL24202 will operate over an
AVDD range of 4.5V to 19V.
During EEPROM programming, IDD and IAVDD will temporarily be
4-5x higher for up to 100ms (tPROG).
Up/Down Counter Interface
The ISL24202 allows the adjustment of the output VCOM voltage
and the programming of the non-volatile memory through a
single pin (CTL) when the CE (counter enable) pin is high. The CTL
pin is biased so that its voltage is set to VDD/2 if the driving
circuit is set to Tri-state or High Impedance (Hi-Z), allowing
up/down operation using common digital I/O logic.
CTL Pin
When a mid-high-mid transition is detected on the CTL pin (see
Figure 11), the internal register value counts down by one at the
trailing (high-mid) edge, and the output VCOM voltage is
increased according to Equation 8. Similarly, when a mid-low-mid
transition is detected on the CTL pin, the internal register value
counts up by one at the trailing (low-mid) edge, and the output
VCOM voltage is decreased. Once the maximum or minimum
value is reached, the counter saturates and will not overflow or
underflow beyond those values.
CTL should have a noise filter to reduce bouncing or noise on the
input that could cause unwanted counts when the CE pin is high.
Figure 8 shows a simple debouncing circuit consisting of a series
1k
Ω resistor and a shunt 0.01µF capacitor connected on the CTL
pin. To avoid unintentional adjustment, the ISL24202 guarantees
to reject CTL pulses shorter than 20µs.
This pin is pulled above 4.9V to program the EEPROM. See
“Programming the EEPROM” on page 9 for details.
After CE (Counter Enable) is asserted and after programming
EEPROM, the very first CTL pulse is ignored (see Figure 11) to
avoid the possibility of a false count (since CTL state may be
unknown after programming).
CE Pin
To change the counter controlling the output voltage, the CE
(Counter Enable) pin must be pulled high (VDD). When the CE pin
is pulled low, the counter value is loaded from EEPROM, which
takes 10ms (during which the inputs should remain constant).
The CE pin has an internal pull-down to keep it at a logic low
VCOMSPAN
R1 R
2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞ AVDD
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
R1 R
2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
IDVROUT MAX
()
==
(EQ. 15)
FIGURE 6. OUT PIN LEAKAGE CURRENT
0
2468
10
12
14
16
18
20
OUT PIN VOLTAGE (V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
OUT PIN CURRENT
SET PIN CURRENT
REGISTER = 255
VDD
AVDD
tVS
FIGURE 7. POWER SUPPLY SEQUENCE
FIGURE 8. EXTERNAL DEBOUNCER ON CTL PIN
ISL24202
CTL
0.01µF
1k
Ω
AVDD
CLOSE TO
EEPROM
PROGRAM


同様の部品番号 - ISL24202IRTZ-EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24202IRTZ-EVALZ INTERSIL-ISL24202IRTZ-EVALZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24202IRTZ-EVALZ RENESAS-ISL24202IRTZ-EVALZ Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

同様の説明 - ISL24202IRTZ-EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com