データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N50L-TA3-T データシート(PDF) 3 Page - Unisonic Technologies

部品番号 6N50L-TA3-T
部品情報  6 Amps, 500 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N50L-TA3-T データシート(HTML) 3 Page - Unisonic Technologies

  6N50L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-526.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
500
V
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
1
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3A
0.95 1.15
DYNAMIC PARAMETERS
Input Capacitance
CISS
720 960
pF
Output Capacitance
COSS
85
115
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
6.3
10
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
15
20
nC
Gate to Source Charge
QGS
4.5
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=400V, ID=6A
(Note 4, 5)
6
nC
Turn-ON Delay Time
tD(ON)
17
45
ns
Rise Time
tR
30
70
ns
Turn-OFF Delay Time
tD(OFF)
35
80
ns
Fall-Time
tF
VDD=250V, ID=6A, RG=25Ω
(Note 4, 5)
20
50
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
6
A
Maximum Body-Diode Pulsed Current
ISM
24
A
Drain-Source Diode Forward Voltage
VSD
IS=6A, VGS=0V
1.5
V
Body Diode Reverse Recovery Time
tRR
85
ns
Body Diode Reverse Recovery Charge
QRR
IS=6A, VGS=0V, dIF/dt=100A/µs
(Note 4)
0.15
µC
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L =13mH, IAS = 6A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 6A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature


同様の部品番号 - 6N50L-TA3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
6N50L-TA3-T UTC-6N50L-TA3-T Datasheet
172Kb / 6P
   6A, 500V N-CHANNEL POWER MOSFET
More results

同様の説明 - 6N50L-TA3-T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP6N50 ONSEMI-NTP6N50 Datasheet
60Kb / 8P
   Power MOSFET 6 Amps, 500 Volts N-Channel TO-220
August, 2001 ??Rev. 1
logo
Unisonic Technologies
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
   7 Amps, 500 Volts N-CHANNEL POWER MOSFET
12N50 UTC-12N50 Datasheet
171Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
16N50 UTC-16N50 Datasheet
170Kb / 6P
   16 Amps, 500 Volts N-CHANNEL POWER MOSFET
18N50 UTC-18N50 Datasheet
163Kb / 6P
   18 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
1N50 UTC-1N50 Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
4N50 UTC-4N50 Datasheet
171Kb / 6P
   4 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com