データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DL-3320S-XLS データシート(PDF) 4 Page - Optoway Technology Inc

部品番号 DL-3320S-XLS
部品情報  1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTOWAY [Optoway Technology Inc]
ホームページ  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3320S-XLS データシート(HTML) 4 Page - Optoway Technology Inc

  DL-3320S-XLS Datasheet HTML 1Page - Optoway Technology Inc DL-3320S-XLS Datasheet HTML 2Page - Optoway Technology Inc DL-3320S-XLS Datasheet HTML 3Page - Optoway Technology Inc DL-3320S-XLS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
DL-3300
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2003/1/1
2.0
1. Combine 1.25G and 2.5G characteristics in one data sheet
2. Add 3mW products
2007/12/1
3.0
Revise mechanical drawing and order information
2009/4/15


同様の部品番号 - DL-3320S-XLS

メーカー部品番号データシート部品情報
logo
Optoway Technology Inc
DL-3320S-XF OPTOWAY-DL-3320S-XF Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3320S-XFA OPTOWAY-DL-3320S-XFA Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3320S-XFAS OPTOWAY-DL-3320S-XFAS Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3320S-XFS OPTOWAY-DL-3320S-XFS Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3320S-XS OPTOWAY-DL-3320S-XS Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results

同様の説明 - DL-3320S-XLS

メーカー部品番号データシート部品情報
logo
Optoway Technology Inc
DL-3340 OPTOWAY-DL-3340 Datasheet
94Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300 Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3500 OPTOWAY-DL-3500_09 Datasheet
93Kb / 5P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3500 OPTOWAY-DL-3500 Datasheet
133Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3540 OPTOWAY-DL-3540 Datasheet
117Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5340 OPTOWAY-DL-5340 Datasheet
94Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300 OPTOWAY-DL-5300 Datasheet
101Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1625 OPTOWAY-DL-5500-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com