データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3228C データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FAN3228C
部品情報  Application Review and Comparative Evaluation of Low-Side Gate Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3228C データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN3228C Datasheet HTML 4Page - Fairchild Semiconductor FAN3228C Datasheet HTML 5Page - Fairchild Semiconductor FAN3228C Datasheet HTML 6Page - Fairchild Semiconductor FAN3228C Datasheet HTML 7Page - Fairchild Semiconductor FAN3228C Datasheet HTML 8Page - Fairchild Semiconductor FAN3228C Datasheet HTML 9Page - Fairchild Semiconductor FAN3228C Datasheet HTML 10Page - Fairchild Semiconductor FAN3228C Datasheet HTML 11Page - Fairchild Semiconductor FAN3228C Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN-6069
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 1/6/10
8
Figure 17. Compound Driver Output Stage
For compound drivers, the output current is often specified
with the output voltage at a specified voltage, such as VDD/2,
to highlight the current that is available during the Miller
plateau region of the VGS waveform. In tests performed
using the methods described in section “Evaluating Drivers
on the Bench” below, the peak output current is generally
higher than the current specified at VDD/2. Figure 18 shows
the sink current capability of a 4A compound driver
(FAN3224C) to be 4.76A, while the output is at 6.1V after
reaching a peak just under 6A. A compound driver rated at
4A might deliver a higher peak current than a comparably
rated PMOS/NMOS driver. This type of information is
practically impossible to obtain from the driver datasheets,
so specific test methods are required.
IOUT at 2A/div
VOUT at 5V/div
INPUT at 10V/div
Time = 200ns/div
Figure 18. Compound Driver Current Sink Waveform
Evaluating Drivers on the Bench
Real-world driver comparisons are difficult to perform in the
lab because the fast signal ramp rates cause complex
interactions between the inductive and capacitive circuit
components. These fast edge rates can introduce overshoots
and undershoots of several volts. Some examples to help
quantify this effect in power circuits can be found in
reference [5]. Although the parasitic inductance varies
according to specific circuit layout and ground structure,
reference [6] gives an approximate value of 10nH/inch
(4nH/cm) for microstrip on FR-4 with the trace exposed to
air on one side. This provides an estimate that can be used
with the circuit capacitance to calculate a damping resistor
when needed.
It is difficult to compare competing devices using only
datasheets, which offer information produced using different
test conditions. Competing technologies used in integrated
circuit solutions further complicate device comparison. In
the following paragraphs, several circuits that can be used to
test and compare drivers on the bench are presented.
Figure 19 shows a circuit that can be used to test the pulsed
current source capability of a driver by clamping VOUT to a
level equal to VDSCH + VDZEN when the output is high. To
minimize power dissipation, the input is driven with a 200ns
positive-going pulse (for non-inverting driver) with a 2%
duty cycle. In this circuit, the positive-going voltage across
RCS is used to monitor the current sourced out of the driver.
To change the value of the output clamping voltage, the
voltage rating of DZEN must be changed.
VDD
RCS
VPULSE
DZEN
DSCH
VCS
+
-
CBYP
VOUT
Figure 19. Current Source Test Circuit with
Clamped VOUT
Figure 20 shows a circuit used to test the pulsed current sink
capability of a driver with the output voltage clamped at a
level VADJ-VDSCH. Here, the input is driven with a 200ns
negative-going pulse (for a non-inverting driver) with a 2%
duty cycle. In this circuit, the negative-going voltage across
RCS is used to monitor the current that the driver is sinking.
Figure 20. Current Sink Test Circuit with Clamped VOUT


同様の部品番号 - FAN3228C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3228C FAIRCHILD-FAN3228C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3228C FAIRCHILD-FAN3228C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3228C FAIRCHILD-FAN3228C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3228C FAIRCHILD-FAN3228C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228C FAIRCHILD-FAN3228C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

同様の説明 - FAN3228C

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com