データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6747 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN6747
部品情報  Control a Flyback Power Supply with Peak Current Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6747 データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN6747 Datasheet HTML 1Page - Fairchild Semiconductor FAN6747 Datasheet HTML 2Page - Fairchild Semiconductor FAN6747 Datasheet HTML 3Page - Fairchild Semiconductor FAN6747 Datasheet HTML 4Page - Fairchild Semiconductor FAN6747 Datasheet HTML 5Page - Fairchild Semiconductor FAN6747 Datasheet HTML 6Page - Fairchild Semiconductor FAN6747 Datasheet HTML 7Page - Fairchild Semiconductor FAN6747 Datasheet HTML 8Page - Fairchild Semiconductor FAN6747 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 9/16/10
AN-6747
Applying FAN6747 to Control a Flyback Power Supply with
Peak Current Output
1. Introduction
Highly integrated PWM controller, FAN6747, is optimized
for applications with motor load, such as printers and
scanners, that inherently impose some kind of overload
condition on the power supply during acceleration mode.
FAN6747 provides a two-level OCP function that allows the
SMPS to stably deliver peak power during the motor
acceleration without causing premature shutdown, while
protecting the SMPS from overload condition.
Green-mode and burst-mode functions with a low operating
current maximize the light-load efficiency so that the power
supply can meet stringent standby power regulations.
The frequency-hopping function reduces electro-magnetic
interference (EMI) of a power supply by spreading the
energy over a wider frequency range. The constant power
limit function minimizes the component stress in abnormal
condition and helps optimize the power stage. Protection
functions such as OCP, OLP, OVP, and OTP are fully
integrated into FAN6747, which improves the SMPS
reliability without increasing system cost.
This application note presents design considerations to
apply FAN6747 to a flyback power supply with peak load
current profile. It covers designing the transformer, selecting
the components, and closing the feedback loop. Figure 1
shows a typical application circuit using FAN6747.
Figure 1.
Typical Application


同様の部品番号 - FAN6747

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results

同様の説明 - FAN6747

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
AN-6846 FAIRCHILD-AN-6846 Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
AN-6861 FAIRCHILD-AN-6861 Datasheet
468Kb / 12P
   a Flyback Power Supply with Peak Load Current Profile
AN-6858 FAIRCHILD-AN-6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
AN-6741 FAIRCHILD-AN-6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
   Applying FAN6756 to Control a Flyback Power Supply
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
   Control a CCM PFC and Flyback/PWM Power Supply
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com