データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3122T データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FAN3122T
部品情報  Application Review and Comparative Evaluation of Low-Side Gate Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3122T データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN3122T Datasheet HTML 4Page - Fairchild Semiconductor FAN3122T Datasheet HTML 5Page - Fairchild Semiconductor FAN3122T Datasheet HTML 6Page - Fairchild Semiconductor FAN3122T Datasheet HTML 7Page - Fairchild Semiconductor FAN3122T Datasheet HTML 8Page - Fairchild Semiconductor FAN3122T Datasheet HTML 9Page - Fairchild Semiconductor FAN3122T Datasheet HTML 10Page - Fairchild Semiconductor FAN3122T Datasheet HTML 11Page - Fairchild Semiconductor FAN3122T Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN-6069
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 1/6/10
10
Conclusion
Low-side drivers are used to drive power MOSFETs in
applications including clamped inductive load switching,
synchronous rectifier circuits, and pulse/gate transformer
drive circuits. The relationship of gate drive current to the
MOSFET switching and transition intervals has been
detailed during the prominent MOSFET switching intervals.
Potential driver solutions; including discrete components,
integrated PMOS/NMOS, and compound drivers, were
examined. Some of the non-ideal characteristics of the
various driver circuits were highlighted.
There is not a simple unified method to characterize the
output current sink and source capability of the many types
of drivers available. The test circuits presented in this note
can be used to investigate the VOUT vs. IOUT capability of
discrete and integrated circuit drivers, enabling evaluation
and comparison of drivers for a range of applications.
References
[1]
2006 Fairchild Power Seminar Topic, “Understanding Modern Power MOSFETs,” available on the fairchildsemi.com website at the link:
http://www.fairchildsemi.com/powerseminar/pdf/understanding_modern_power_mOSFETs.pdf
[2]
Oh, K. S., “MOSFET Basics”, July, 2000, available as AN9010 from the fairchildsemi.com website.
[3]
Balogh, L. “Design and Application Guide for High Speed MOSFET Gate Drive Circuits,” Power Supply Design Seminar SEM-1400, Topic 2,
Texas Instruments Literature No. SLUP169.
[4]
ICE Components Gate Drive Transformer Datasheet “GT03.pdf” dated 10/06, available from www.icecomponents.com.
[5]
2006 Fairchild Power Seminar Topic, “Practical Power Application Issues for High Power Systems,” available on the fairchildsemi.com website at the
link: http://www.fairchildsemi.com/powerseminar/pdf/practical_power_high_power_systems.pdf
[6]
Johnson, H. Dr, “High-Speed Digital Design On-Line Newsletter,” Vol. 3 Issue 8, www.sigcon.com/Pubs/news/3_8.htm
Author
Mark Dennis was born in Troy, NC, and received the Bachelor of Engineering degree from Duke University in 1983. After
graduation he has worked in industries encompassing power electronics applications such as offline and DC to DC power
supply design for telecom and computer systems, high voltage supplies for electrostatic precipitators, and online UPS
systems. For over eight years Mark has been working in the semiconductor industry and he is employed by Fairchild
Semiconductor as a Staff Engineer working in High Power Systems.


同様の部品番号 - FAN3122T

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

同様の説明 - FAN3122T

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com