データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMD47-06KC5 データシート(PDF) 1 Page - IXYS Corporation

部品番号 FMD47-06KC5
部品情報  CoolMOS Pow er MOSFET with HiPerDyn FRED Buck and Boost Topologies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMD47-06KC5 データシート(HTML) 1 Page - IXYS Corporation

  FMD47-06KC5 Datasheet HTML 1Page - IXYS Corporation FMD47-06KC5 Datasheet HTML 2Page - IXYS Corporation FMD47-06KC5 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2009 IXYS All rights reserved
1 - 3
20090209a
FMD 47-06KC5
FDM 47-06KC5
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
MOSFET T
Symbol
Conditions
Maximum Ratings
V
DSS
T
VJ = 25°C
600
V
V
GS
± 20
V
I
D25
I
D90
T
C = 25°C
T
C = 90°C
47
32
A
A
E
AS
E
AR
single pulse
repetitive
1950
3
mJ
mJ
dV/dt
MOSFET dV/dt ruggedness V
DS = 0...480 V
50
V/ns
I
D = 11 A; TC = 25°C
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
R
DSon
V
GS = 10 V; ID = 44 A
40
45
m
Ω
V
GS(th)
V
DS = VGS; ID = 3 mA
2.5
3
3.5
V
I
DSS
V
DS = VDSS; VGS = 0 V
T
VJ =
25°C
T
VJ = 125°C
50
10
µA
µA
I
GSS
V
GS = ± 20 V; VDS = 0 V
100
nA
C
iss
C
oss
V
GS = 0 V; VDS = 100 V
f = 1 MHz
6800
320
pF
pF
Q
g
Q
gs
Q
gd
V
GS = 0 to 10 V; VDS = 400 V; ID = 44 A
150
35
50
190
nC
nC
nC
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
rec off
V
GS = 10 V; VDS = 400 V
I
D = 44 A; RG = 3.3 Ω
30
20
100
10
tbd
tbd
tbd
ns
ns
ns
ns
mJ
mJ
mJ
R
thJC
R
thCH
with heat transfer paste
0.25
0.45
K/W
K/W
1) CoolMOSis a trademark of
Infineon Technologies AG.
I
D25
=
47 A
V
DSS
=
600 V
R
DS(on) max = 0.045 Ω
CoolMOS™ 1) Pow er MOSFET
with
HiPerDyn™ FRED
Buck and Boost Topologies
Electrically isolated back surface
2500 V electrical isolation
N-Channel Enhancement Mode
Low R
DSon, high VDSS MOSFET
Ultra low gate charge
ISOPLUS i4
1
5
isolated back
surface
E72873
FMD
4
3
1
2
D
T
Features
• Silicon chip on Direct-Copper-Bond
substrate
- high power dissipation
- isolated mounting surface
- 2500 V electrical isolation
- low drain to tab capacitance (< 40 pF)
• Fast CoolMOS™ 1) power MOSFET 4th
generation
- high blocking capability
- lowest resistance
- avalanche rated for unclamped
inductive switching (UIS)
- low thermal resistance
due to reduced chip thickness
• Enhanced total power density
• HiPerDyn™ FRED
- consisting of series connected diodes
- enhanced dynamic behaviour for
high frequency operation
Applications
• Switched mode power supplies
(SMPS)
• Uninterruptible power supplies (UPS)
• Power factor correction (PFC)
Advantages
• Easy assembly:
no screws or isolation foils required
• Space savings
• High power density
• High reliability
FDM
5
3
4
2
D
T


同様の部品番号 - FMD47-06KC5

メーカー部品番号データシート部品情報
logo
IXYS Corporation
FMD40-06KC IXYS-FMD40-06KC Datasheet
50Kb / 2P
   HiPerFET Power MOSFETs -Boost Chopper Topology in ISOPLUS i4-PAC
logo
Rectron Semiconductor
FMD4S RECTRON-FMD4S Datasheet
263Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere)
More results

同様の説明 - FMD47-06KC5

メーカー部品番号データシート部品情報
logo
IXYS Corporation
FMD15-06KC5 IXYS-FMD15-06KC5 Datasheet
82Kb / 3P
   CoolMOS Power MOSFET with HiPerDyn FRED Buck and Boost Topologies
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
logo
Maxim Integrated Produc...
MAX77816EVKIT MAXIM-MAX77816EVKIT Datasheet
1Mb / 11P
   Buck and Boost Operation Including Seamless Transition between Buck and Boost Modes
Rev 0; 7/17
MAX25611 MAXIM-MAX25611 Datasheet
508Kb / 11P
   Configured for Boost and Buck-Boost Application
Rev 1; 3/19
logo
Linear Technology
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
logo
TECH PUBLIC Electronics...
LM321MFX TECHPUBLIC-LM321MFX Datasheet
3Mb / 6P
   LOW POW ER SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com