データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN2564UC12X データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FAN2564UC12X
部品情報  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UC12X データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN2564UC12X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UC12X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UC12X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UC12X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UC12X Datasheet HTML 9Page - Fairchild Semiconductor FAN2564UC12X Datasheet HTML 10Page - Fairchild Semiconductor FAN2564UC12X Datasheet HTML 11Page - Fairchild Semiconductor FAN2564UC12X Datasheet HTML 12Page - Fairchild Semiconductor FAN2564UC12X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.2
11
Physical Dimensions
BOTTOM VIEW
SIDE VIEWS
TOP VIEW
RECOMMENDED LAND PATTERN
(NSMD PAD TYPE)
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS 582 MICRONS
±43 MICRONS (539-625 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILENAME: MKT-UC004ABrev2.
2X
PIN A1 AREA
0.03 C
E
D
A
B
2X
0.03 C
0.05 C
0.625
0.539
C
0.332±0.018
0.250±0.025
SEATING PLANE
D
F
F
0.06 C
1 2
A
B
0.005
CA B
0.50
0.50
Ø0.315±0.025
4X
(Y)±0.018
(X)±0.018
(Ø0.250)
Cu Pad
(Ø0.350)
Solder Mask
0.50
0.50
Figure 26.
4-Bump, Wafer-Level Chip-Scale Package (WLCSP), 0.5mm Pitch
Product Specific Dimensions
Product
D
E
X
Y
FAN2564UCX
1.41 +/-0.030
0.93 +/-0.030
0.215
0.455
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, spe-
cifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


同様の部品番号 - FAN2564UC12X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2564UC12X FAIRCHILD-FAN2564UC12X Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

同様の説明 - FAN2564UC12X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com