データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3278TMX データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FAN3278TMX
部品情報  30V PMOS-NMOS Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3278TMX データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN3278TMX Datasheet HTML 2Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 9Page - Fairchild Semiconductor FAN3278TMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3278 • Rev. 1.0.0
6
Electrical Characteristics
Unless otherwise noted, VDD=12V and TJ=-40°C to +125°C. Currents are defined as positive into the device (Isink) and
negative out of the device (Isource).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Optimum Operating Range
(8)
8
27
V
IDD
Supply Current Inputs / EN Not
Connected
1.3
2.0
mA
VON
Turn-On Voltage
(9)
INA=ENA=VDD, INB=ENB=0V
3.8
V
VHYS
Turn-On / Turn-Off Hysteresis
(9)
INA=ENA=VDD, INB=ENB=0V
10
mV
Input
(9)
VIL
INx Logic Low Threshold
0.8
1.1
V
VIH
INx Logic High Threshold
1.80
2.25
V
VHYS
Logic Hysteresis Voltage
0.4
0.7
1.0
V
Enable
VENL
Enable Logic Low Threshold
EN from 5V to 0V
0.8
1.2
V
VENH
Enable Logic High Threshold
EN from 0V to 5V
1.60
2.25
V
VHYS
Logic Hysteresis Voltage
(10)
0.7
V
RPU
Enable Pull-Up Resistance
100
kΩ
tD1
Propagation A Delay, EN Rising
(11)
0 - 5VIN, 1V/ns Slew Rate
44
70
ns
tD2
Propagation A Delay, EN Falling
(11)
0 – 5VIN, 1V/ns Slew Rate
33
60
ns
tD2
Propagation B Delay, EN Rising
(11)
0 - 5VIN, 1V/ns Slew Rate
39
70
ns
tD1
Propagation B Delay, EN Falling
(11)
0 – 5VIN, 1V/ns Slew Rate
29
60
ns
Continued on the following page…
Timing Diagrams
Figure 5. Non-Inverting
Figure 6. Inverting
90%
10%
Output
Input
or
Enable
t
D1
t
D2
t
RISE
t
FALL
V
INL
V
INH


同様の部品番号 - FAN3278TMX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN3278TMX ONSEMI-FAN3278TMX Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
More results

同様の説明 - FAN3278TMX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-339J AVAGO-ACPL-339J Datasheet
948Kb / 23P
   Dual output drive for external NMOS and PMOS buffer
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
List of Unclassifed Man...
MC1203N ETC-MC1203N Datasheet
281Kb / 4P
   LSI PMOS
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
   Single and dual PMOS high-side H-bridge
October 2015 Rev 2
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
   Single and dual PMOS high-side H-bridge
September 2013 Rev 6
logo
Hamamatsu Corporation
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com