データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 BAT54
部品情報  Dual DDR / Dual-Output PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAT54 データシート(HTML) 4 Page - Fairchild Semiconductor

  BAT54 Datasheet HTML 1Page - Fairchild Semiconductor BAT54 Datasheet HTML 2Page - Fairchild Semiconductor BAT54 Datasheet HTML 3Page - Fairchild Semiconductor BAT54 Datasheet HTML 4Page - Fairchild Semiconductor BAT54 Datasheet HTML 5Page - Fairchild Semiconductor BAT54 Datasheet HTML 6Page - Fairchild Semiconductor BAT54 Datasheet HTML 7Page - Fairchild Semiconductor BAT54 Datasheet HTML 8Page - Fairchild Semiconductor BAT54 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5026 • Rev. 1.0.8
4
Pin Definitions
Pin #
Name
Description
11
ILIM1
Current Limit 1. A resistor from this pin to GND sets the current limit.
12
SS1
Soft Start. A capacitor from this pin to GND programs the slew rate of the converter during
initialization. During initialization, this pin is charged with a 5mA current source.
17
SS2
13
DDR
DDR Mode Control. HIGH = DDR Mode. LOW = two separate regulators operating 180
degrees out of phase.
14
VIN
Input Voltage. Normally connected to the battery, providing voltage feedforward to set the
amplitude of the internal oscillator ramp. When using the IC for two-step conversion from 5V
input, connect through 100K
Ω resistor to ground, which sets the appropriate ramp gain and
synchronizes the channels 90° out of phase.
15
PG1
Power-Good Flag. An open-drain output that pulls LOW when VSEN is outside a ±10% range of
the 0.9V reference.
16
PG2 /
REF2OUT
Power-Good 2. When not in DDR Mode, open-drain output that pulls LOW when the VOUT is
out of regulation or in a fault condition.
Reference Out 2. When in DDR Mode, provides a buffered output of REF2. Typically used as
the VDDQ/2 reference.
18
ILIM2 /
REF2
Current Limit 2. When not in DDR Mode, a resistor from this pin to GND sets the current limit.
Reference for reg #2 when in DDR Mode. Typically set to VOUT1/2.
28
VCC
VCC. This pin powers the chip as well as the LDRV buffers. The IC starts to operate when
voltage on this pin exceeds 4.6V (UVLO rising) and shuts down when it drops below 4.3V
(UVLO falling).
Block Diagram
Figure 4. IC Block Diagram


同様の部品番号 - BAT54

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
BAT54 SAMHOP-BAT54 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
logo
FutureWafer Tech Co.,Lt...
BAT54 FUTUREWAFER-BAT54 Datasheet
1Mb / 15P
   Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Guilin Strong Micro-Ele...
BAT54 GSME-BAT54 Datasheet
255Kb / 2P
   SCHOTTKY DIODE
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
110Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

同様の説明 - BAT54

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com