データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5355UC03X データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FAN5355UC03X
部品情報  1A / 0.8A, 3MHz Digitally Programmable Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5355UC03X データシート(HTML) 3 Page - Fairchild Semiconductor

  FAN5355UC03X Datasheet HTML 1Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 2Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 3Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 4Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 5Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 6Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 7Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 8Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2008 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FAN5355 • Rev. 1.0.6
Pin Configuration
Top View
Bottom View
Top View
Figure 2. WLCSP-12, 2.23x1.46mm
Figure 3. MLP10, 3x3mm
Pin Definitions
Pin #
Name
(5)
Description
WLCSP
MLP
A1, B1
9
PGND
Power GND. Power return for gate drive and power transistors. Connect to AGND on PCB. The
connection from this pin to the bottom of CIN should be as short as possible.
A2
10
SW
Switching Node. Connect to output inductor.
A3
1
PVIN
Power Input Voltage. Connect to input power source. The connection from this pin to CIN should be as
short as possible.
B2
N/A
SYNC
Sync. When toggling and SYNC_EN bit is HIGH, the regulator synchronizes to the frequency on this pin.
In PWM mode, when this pin is statically LOW or statically HIGH, or when its frequency is outside of the
specified capture range, the regulator’s frequency is controlled by its internal 3MHz clock.
B3
2
AVIN
Analog Input Voltage. Connect to input power source as close as possible to the input bypass
capacitor.
C1
8, PAD
AGND
Analog GND. This is the signal ground reference for the IC. All voltage levels are measured with respect
to this pin.
C2
7
EN
Enable. When this pin is HIGH, the circuit is enabled. When LOW, quiescent current is minimized. This
pin should not be left floating.
C3
3
SDA
SDA. I
2C interface serial data.
D1
6
VOUT
Output Voltage Monitor. Tie this pin to the output voltage. This is a signal input pin to the control circuit
and does not carry DC current.
D2
5
VSEL
Voltage Select. When HIGH, VOUT is set by VSEL1. When LOW, VOUT is set by VSEL0. This behavior
can be overridden through I
2C register settings. This pin should not be left floating.
D3
4
SCL
SCL. I
2C interface serial clock.
Note:
5.
All logic inputs (SDA, SCL, SYNC, EN, and VSEL) are high impedance and should not be left floating. For minimum
quiescent power consumption, tie unused logic inputs to AVIN or AGND. If I
2C control is unused, tie SDA and SCL to AVIN.


同様の部品番号 - FAN5355UC03X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5355UC03X FAIRCHILD-FAN5355UC03X Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
logo
ON Semiconductor
FAN5355UC03X ONSEMI-FAN5355UC03X Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results

同様の説明 - FAN5355UC03X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
   1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com