データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6206 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN6206
部品情報  Highly Integrated Dual-Channel Synchronous Rectification Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6206 データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN6206 Datasheet HTML 1Page - Fairchild Semiconductor FAN6206 Datasheet HTML 2Page - Fairchild Semiconductor FAN6206 Datasheet HTML 3Page - Fairchild Semiconductor FAN6206 Datasheet HTML 4Page - Fairchild Semiconductor FAN6206 Datasheet HTML 5Page - Fairchild Semiconductor FAN6206 Datasheet HTML 6Page - Fairchild Semiconductor FAN6206 Datasheet HTML 7Page - Fairchild Semiconductor FAN6206 Datasheet HTML 8Page - Fairchild Semiconductor FAN6206 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6206 • Rev. 1.0.2
5
Electrical Characteristics
VDD=20V, TA=25 , unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VOP
Continuously Operating Voltage
25
V
VTH-ON1
Turn-On Threshold Voltage
8.0
8.5
9.0
V
VTH-ON2
Turn-On Threshold Voltage
8.0
8.5
9.0
V
VTH-OFF1
Turn-Off Threshold Voltage
7.0
7.5
8.0
V
VTH-OFF2
Turn-Off Threshold Voltage
7.0
7.5
8.0
V
IDD-OP
Operating Current
VDD=15V, DET=50KHz
3
5
mA
IDD-ST
Startup Current
VDD = 7.5V
340
500
μA
VDD-OVP1
VDD Over-Voltage Protection 1
20
21
22
V
VDD-OVP2
VDD Over-Voltage Protection 2
20
21
22
V
VDD-OVP-HYS1
Hysteresis Voltage for VDD OVP 1
1.2
1.7
2.2
V
VDD-OVP-HYS2
Hysteresis Voltage for VDD OVP 2
1.2
1.7
2.2
V
tOVP1
VDD OVP Debounce Time 1
40
60
100
μs
tOVP2
VDD OVP Debounce Time 2
40
60
100
μs
Output Drive for SR MOSFET Section
VZ1
Output Voltage Maximum (Clamp) 1
VDD = 20V
12
14
V
VZ2
Output Voltage Maximum (Clamp) 2
VDD = 20V
12
14
V
VOL1
Output Voltage LOW 1
VDD=12V, IO=50mA
0.5
V
VOL2
Output Voltage LOW 2
VDD=12V, IO=50mA
0.5
V
VOH1
Output Voltage HIGH 1
VDD=12V, IO=50mA
9
V
VOH2
Output Voltage HIGH 2
VDD=12V, IO=50mA
9
V
tR1
Rising Time 1
VDD=12V, CL=7nF,
OUT=2V~9V
30
70
120
ns
tR2
Rising Time 2
VDD=12V, CL=7nF,
OUT=2V~9V
30
70
120
ns
tF1
Falling Time1
VDD=12V, CL=7nF,
OUT=9V~2V
20
50
100
ns
tF2
Falling Time 2
VDD=12V, CL=7nF,
OUT=9V~2V
20
50
100
ns
VZ1
Output Voltage Maximum (Clamp)
VDD = 20V
12
14
V
tPD-HIGH-SP1
Propagation Delay to OUT HIGH
tR+tPD,
(Trigger by SP),
|SP-SN|=5V
280
350
450
ns
tPD-HIGH-SP2
280
350
450
tPD-LOW-SN1
Propagation Delay to OUT LOW
tR+tPD,
(Trigger by SN),
|SP-SN|=5V
180
250
350
ns
tPD-LOW-SN2
180
250
350
tPD-LOW-LPC1
Propagation Delay to OUT LOW
tR+tPD,
(Trigger by LPC)
100
150
200
ns
tPD-LOW-LPC2
100
150
200
tON-MAX1
Maximum On Time
12
13
14
μs
tON-MAX2
12
13
14
μs
Continued on the following page…


同様の部品番号 - FAN6206

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
FAN6204AMX ONSEMI-FAN6204AMX Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Fairchild Semiconductor
FAN6204MY FAIRCHILD-FAN6204MY Datasheet
814Kb / 14P
   Synchronous Rectification Controller
FAN6208 FAIRCHILD-FAN6208 Datasheet
478Kb / 10P
   Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
More results

同様の説明 - FAN6206

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
   Highly Integration USB PD Controller with Synchronous Rectification
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
Fairchild Semiconductor
FAN6791 FAIRCHILD-FAN6791 Datasheet
724Kb / 19P
   Highly Integrated, Dual-PWM Combination Controller
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
MC33470 ONSEMI-MC33470 Datasheet
306Kb / 16P
   SYNCHRONOUS RECTIFICATION DC/DC CONVERTER PROGRAMMABLE INTEGRATED CONTROLLER
1999 REV 1
logo
Intersil Corporation
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
   Integrated-Power Buck Converter Controller with Synchronous Rectification
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV Datasheet
733Kb / 15P
   ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com