データシートサーチシステム |
|
FAN6753 データシート(PDF) 9 Page - Fairchild Semiconductor |
|
FAN6753 データシート(HTML) 9 Page - Fairchild Semiconductor |
9 / 12 page © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN6753 • Rev. 1.0.3 9 Functional Description Startup Current For startup, the HV pin is connected to the line input or bulk capacitor through an external diode and resistor, RHV, (1N4007 / 100KΩ recommended). Typical startup current drawn from the HV pin is 3.5mA and charges the hold-up capacitor through the diode and resistor. When the VDD capacitor level reaches VDD-ON, the startup current switches off. At this moment, the VDD capacitor only supplies the FAN6753 before the auxiliary winding of the main transformer provides the operating current. For higher than 6KV surge test, RHV of 100KΩ or above is recommended. Operating Current Operating current is around 2.7mA. The low operating current enables better efficiency and reduces the requirement of VDD hold-up capacitance. Green-Mode Operation The proprietary green-mode function provides off-time modulation to reduce the switching frequency in light- load and no-load conditions. The on time is limited for better abnormal or brownout protection. VFB, which is derived from the voltage feedback loop, is taken as the reference. Once VFB is lower than the threshold voltage, the switching frequency is continuously decreased to the minimum green-mode frequency of around 22KHz. Current Sensing / PWM Current Limiting Peak-current-mode control is utilized to regulate output voltage and provide pulse-by-pulse current limiting. The switch current is detected by a sense resistor into the SENSE pin. The PWM duty cycle is determined by this current-sense signal and VFB, the feedback voltage. When the voltage on the SENSE pin reaches around VCOMP=(VFB–0.6)/4, the switch cycle is terminated immediately. VCOMP is internally clamped to a variable voltage around 0.9V for output power limit. Leading-Edge Blanking (LEB) Each time the power MOSFET is switched on, a turn-on spike occurs on the sense resistor. To avoid premature termination of the switching pulse, a leading-edge blanking time is built in. During this blanking period, the current-limit comparator is disabled and cannot switch off the gate driver. Under-Voltage Lockout (UVLO) The turn-on and turn-off thresholds are fixed internally at 15.5V and 9.5V, respectively. During startup, the hold- up capacitor must be charged to 15.5V through the startup resistor to enable the IC. The hold-up capacitor continues to supply VDD before the energy can be delivered from auxiliary winding of the main transformer. VDD must not drop below 9.5V during startup. This UVLO hysteresis window ensures that the hold-up capacitor is adequate to supply VDD during startup. Gate Output / Soft Driving The BiCMOS output stage is a fast totem-pole gate driver. Cross conduction has been avoided to minimize heat dissipation, increase efficiency, and enhance reliability. The output driver is clamped by an internal 18V Zener diode to protect power MOSFET transistors against undesirable gate over voltage. A soft driving waveform is implemented to minimize EMI. Soft-Start For many applications, it is necessary to minimize the inrush current at startup. The built-in 5ms soft-start circuit significantly reduces the startup current spike and output voltage overshoot. Built-in Slope Compensation The sensed voltage across the current-sense resistor is used for peak-current-mode control and pulse-by-pulse current limiting. Built-in slope compensation improves stability and prevents sub-harmonic oscillation. FAN6753 inserts a synchronized, positive-going ramp at every switching cycle. Constant Output Power Limit When the SENSE voltage across sense resistor RS reaches the threshold voltage, around 0.9V, the output GATE drive is turned off after a small delay, tPD. This delay introduces an additional current proportional to tPD • VIN / LP. Since the delay is nearly constant regardless of the input voltage VIN, higher input voltage results in a larger additional current and the output power limit is higher than under low input line voltage. To compensate this variation for a wide AC input range, a sawtooth power-limiter is designed to solve the unequal power-limit problem. The power limiter is designed as a positive ramp signal fed to the inverting input of the OCP comparator. This results in a lower current limit at high-line inputs than at low-line inputs. VDD Over-Voltage Protection (OVP) VDD over-voltage protection is built in to prevent damage due to abnormal conditions. If the VDD voltage is over the over-voltage protection voltage (VDD-OVP) and lasts for tD-VDDOVP, the PWM pulses are disabled until the VDD voltage drops below the UVLO, then starts again. Over- voltage conditions are usually caused by open feedback loops. External Latch Function (LATCH Pin) The LATCH pin can be used to control the FAN6753 entering latch mode by pulling this pin over 5.2V for 100µs. If floating, the LATCH pin is internally pulled HIGH to 3.5V. It is not recommended to float or short the LATCH pin to GND. This pin also includes a test mode to disable the jitter function. LATCH pin internally sources 100µA, so place a resistor in series to GND. Do not let this voltage exceed 5.2V for the FAN6753 to function normally. |
同様の部品番号 - FAN6753_11 |
|
同様の説明 - FAN6753_11 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |