データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6862NY データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FAN6862NY
部品情報  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862NY データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6862NY Datasheet HTML 6Page - Fairchild Semiconductor FAN6862NY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862NY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862NY Datasheet HTML 9Page - Fairchild Semiconductor FAN6862NY Datasheet HTML 10Page - Fairchild Semiconductor FAN6862NY Datasheet HTML 11Page - Fairchild Semiconductor FAN6862NY Datasheet HTML 12Page - Fairchild Semiconductor FAN6862NY Datasheet HTML 13Page - Fairchild Semiconductor FAN6862NY Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862 • Rev. 1.0.2
10
Operation Description
Startup Operation
Figure 22 shows a typical startup circuit and
transformer auxiliary winding for a FAN6862 application.
Before
FAN6862
begins
switching
operation,
it
consumes only startup current (typically 8μA) and the
current supplied through the startup resistor charges
the VDD capacitor (CDD). When VDD reaches turn-on
voltage of 16V (VDD-ON), FAN6862 begins switching and
the current consumed increases to 3mA. Then, the
power required is supplied from the transformer
auxiliary winding. The large hysteresis of VDD (8.5V)
provides more holdup time, which allows using a small
capacitor for VDD. The startup resistor is typically
connected to AC line for a fast reset of latch protection.
Figure 22. Startup Circuit
Green-Mode Operation
The FAN6862 uses feedback voltage (VFB) as an
indicator of the output load and modulates the PWM
frequency, as shown in Figure 23, such that the
switching frequency decreases as load decreases. In
heavy load conditions, the switching frequency is
65KHz. Once VFB decreases below VFB-N (2.2V), the
PWM frequency starts to linearly decrease from 65KHz
to 22.5kHz to reduce the switching losses. As VFB
decreases below VFB-G (2.1V), the switching frequency
is fixed at 22.5kHz and FAN6862 enters “deep” green
mode, where the operating current decreases to 2.5mA
(maximum), further reducing the standby power
consumption. As VFB decreases below VFB-ZDC (1.7V),
FAN6862 enters burst-mode operation. When VFB drops
below VFB-ZDC, FAN6862 stops switching and the output
voltage starts to drop, which causes the feedback
voltage to rise. Once VFB rises above VFB-ZDC, switching
resumes. Burst mode alternately enables and disables
switching, thereby reducing switching loss in standby
mode, as shown in Figure 24.
Figure 23. PWM Frequency
VFB
(1.7V)
Ids
Vo
Switching
Disabled
Switching
Disabled
VFB.ZDC
Figure 24. Burst Mode Operation
Frequency Hopping
EMI reduction is accomplished by frequency hopping,
which spreads the energy over a wider frequency range
than the bandwidth measured by the EMI test
equipment. An internal frequency hopping circuit
changes the switching frequency between 60.8kHz and
69.2kHz with a period of 4.4ms, as shown in Figure 25.
Figure 25. Frequency Hopping


同様の部品番号 - FAN6862NY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862L FAIRCHILD-FAN6862L Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862LTY FAIRCHILD-FAN6862LTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862R FAIRCHILD-FAN6862R Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862RTY FAIRCHILD-FAN6862RTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

同様の説明 - FAN6862NY

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com