データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6920MRMY データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FAN6920MRMY
部品情報  Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6920MRMY データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6920MRMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6920MRMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6920MRMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6920MRMY Datasheet HTML 9Page - Fairchild Semiconductor FAN6920MRMY Datasheet HTML 10Page - Fairchild Semiconductor FAN6920MRMY Datasheet HTML 11Page - Fairchild Semiconductor FAN6920MRMY Datasheet HTML 12Page - Fairchild Semiconductor FAN6920MRMY Datasheet HTML 13Page - Fairchild Semiconductor FAN6920MRMY Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6920MR • Rev. 1.0.3
10
Electrical Characteristics (Continued)
VDD=15V, TA=-40°C ~105°C (TA=TJ), unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
PWM STAGE
Feedback Input Section
AV
Input-Voltage to Current Sense
Attenuation
(4)
AV = VCS /VFB ,
0 < VCS < 0.9
1/2.75
1/3.00
1/3.25
V/V
ZFB
Input Impedance
(4)
VFB > VG
3
5
7
kΩ
IOZ
Bias Current
VFB = VOZ
1.2
2.0
mA
VOZ
Zero Duty Cycle Input Voltage
0.7
0.9
1.1
V
VFB-OLP
Open-Loop Protection Threshold
Voltage
3.9
4.2
4.5
V
tFB-OLP
The Debounce Time for Open-
Loop Protection
40
50
60
ms
tFB-SS
Internal Soft-Start Time
(4)
VFB = 0V~3.6V
4
5
6
ms
DET Pin OVP and Valley Detection Section
VDET-OVP
Comparator Reference Voltage
2.45
2.50
2.55
V
Av
Open-Loop Gain
(4)
60
dB
BW
Gain Bandwidth
(4)
1
MHz
tDET-OVP
Output OVP (Auto-Recovery)
Debounce Time
100
150
200
µs
IDET-SOURCE
Maximum Source Current
VDET = 0V
1
mA
VDET-LOW
Lower Clamp Voltage
IDET = 1mA
0.15
0.25
0.35
V
tVALLEY-DELAY
Delay Time from Valley Signal
Detected to Output Turn-On
(4)
150
200
250
ns
tOFF-BNK
Leading-Edge Blanking Time for
DET-OVP (2.5V) and Valley
Signal when PWM MOS Turns
Off
(4)
2.5
µs
tTIME-OUT
Time-Out After tOFF-MIN
(4)
8
9
10
µs
PWM Oscillator Section
tON-MAX-PWM
Maximum On-Time
38
45
52
µs
tOFF-MIN
Minimum Off-Time
VFB ≧ VN, TA = 25°C
5
µs
VFB = VG
20.5
VN
Beginning of Green-On Mode at
FB Voltage Level
1.95
2.10
2.25
V
VG
Beginning of Green-Off Mode at
FB Voltage Level
1.00
1.15
1.30
V
ΔVG
Hysteresis for Beginning of
Green-Off Mode at FB Voltage
Level
(4)
0.1
V
Continued on the following page…


同様の部品番号 - FAN6920MRMY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6921 FAIRCHILD-FAN6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
FAN6921AMRMY FAIRCHILD-FAN6921AMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
FAN6921BMRMY ONSEMI-FAN6921BMRMY Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
More results

同様の説明 - FAN6920MRMY

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com