データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN9611MX データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FAN9611MX
部品情報  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9611MX データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN9611MX Datasheet HTML 3Page - Fairchild Semiconductor FAN9611MX Datasheet HTML 4Page - Fairchild Semiconductor FAN9611MX Datasheet HTML 5Page - Fairchild Semiconductor FAN9611MX Datasheet HTML 6Page - Fairchild Semiconductor FAN9611MX Datasheet HTML 7Page - Fairchild Semiconductor FAN9611MX Datasheet HTML 8Page - Fairchild Semiconductor FAN9611MX Datasheet HTML 9Page - Fairchild Semiconductor FAN9611MX Datasheet HTML 10Page - Fairchild Semiconductor FAN9611MX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
7
Electrical Characteristics (Continued)
Unless otherwise noted, VDD = 12V, TJ = -40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Current Sense
VCS
CS Input Threshold Voltage Limit
0.19
0.21
0.23
V
ICS
CS Input Current
VCSX = 0V to 1V
–0.2
0.2
µA
tCS_DELAY
CS to Output Delay
CS Stepped from 0V to 5V
85
100
ns
Zero Current Detection
VZCD_IN
Input Voltage Threshold
(4)
–0.1
0
0.1
V
VZCD_H
Input High Clamp Voltage
IZCD = 0.5mA
0.8
1.0
1.2
V
VZCD_L
Input Low Clamp Voltage
IZCD = –0.5mA
–0.7
–0.5
–0.3
V
IZCD_SRC
Source Current Capability
(4)
1
mA
IZCD_SNK
Sink Current Capability
(4)
10
mA
tZCD_DLY
Turn-On Delay
(5)
ZCDx to OUTx
180
ns
Output
ISINK
OUTx Sink Current
(5)
VOUTx = VDD/2; CLOAD = 0.1µF
2.0
A
ISOURCE
OUTx Source Current
(5)
VOUTx = VDD/2; CLOAD = 0.1µF
1.0
A
tRISE
Rise Time
CLOAD = 1nF, 10% to 90%
10
25
ns
tFALL
Fall Time
CLOAD = 1nF, 90% to 10%
5
20
ns
VO_UVLO
Output Voltage During UVLO
VDD = 5V; IOUT = 100µA
1
V
IRVS
Reverse Current Withstand (5)
500
mA
Soft-Start
(CSS = 0.1µF)
ISS_MAX
Maximum Soft-Start Current
VCOMP < 3.0V
–7
–5
–3
µA
ISS_MIN
Minimum Soft-Start Current(5)
VCOMP > 4.5V
–0.40
–0.25
–0.10
µA
Input Brown-Out Protection
VIN_BO
Input Brownout Threshold
0.76
0.925
1.10
V
IVINSNK
VIN Sink Current
VVIN > 1.1V
–0.2
0.2
µA
VVIN < 0.8V
1.4
2
2.5
µA
Input-Voltage Feedforward Range
VFF_UL
VIN Feedforward Upper Limit (5)
3.1
3.7
4.3
V
VFF_RATIO VFF_UL / VIN_BO
(5)
3.6
4.0
4.3
Phase Management
VPH,DROP
Phase Dropping Threshold
VCOMP Decreasing, Transition
from 2 to 1 Phase, TA = 25°C
0.66
0.73
0.80
V
VPH,ADD
Phase Adding Threshold
VCOMP Increasing, Transition
from 1 to 2 Phase, TA = 25°C
0.86
0.93
1.00
V
Over-Voltage Protection Using FB Pin – Cycle-by-Cycle
(Input)
VOVPNL
Non-Latching OVP Threshold
(+8% above VOUT_NOMINAL)
TA = 25°C
DRV1=DRV2=0V
3.15
3.25
3.35
V
VOVPNL_HYS OVP Hysteresis
FB Decreasing
0.24
V
Over-Voltage Protection Using OVP Pin – Latching
(Input)
VOVPLCH
Latching OVP Threshold (+15%)
DRV1=DRV2=0V
3.36
3.50
3.65
V
Note:
5.
Not tested in production.


同様の部品番号 - FAN9611MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN9611MX FAIRCHILD-FAN9611MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611MX FAIRCHILD-FAN9611MX Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

同様の説明 - FAN9611MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com