データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K0900Y データシート(PDF) 6 Page - Littelfuse

部品番号 K0900Y
部品情報  SIDACs feature glass-passivated junctions to ensure a rugged and dependable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K0900Y データシート(HTML) 6 Page - Littelfuse

Back Button K0900Y Datasheet HTML 2Page - Littelfuse K0900Y Datasheet HTML 3Page - Littelfuse K0900Y Datasheet HTML 4Page - Littelfuse K0900Y Datasheet HTML 5Page - Littelfuse K0900Y Datasheet HTML 6Page - Littelfuse K0900Y Datasheet HTML 7Page - Littelfuse K0900Y Datasheet HTML 8Page - Littelfuse K0900Y Datasheet HTML 9Page - Littelfuse K0900Y Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
318
Revised:December21,2010 02:40PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Soldering Parameters
Reflow Condition
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus Temp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
- Temperature (T
L) (Liquidus)
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peak Temperature (T
P)
Do not exceed
280°C
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Physical Specifications
Reliability/Environmental Tests
Test
Specifications and Conditions
High Temperature
Voltage Blocking
hours
Temperature Cycling
-40°C to 150°C, 15-minute dwell, 100
Biased Temperature &
Humidity
EIA/JEDEC: JESD22-A101
DC
hours
High Temp Storage
150°C, 1008 hours
Low-Temp Storage
-40°C, 1008 hours
Thermal Shock
0°C to 100°C, 5-minute dwell,
Autoclave
(Pressure Cooker Test)
EIA/JEDEC: JESD22-A102
Resistance to
Solder Heat
260°C, 10 seconds
Solderability
Lead Bend
Terminal Finish
Dipped
Body Material
Lead Material
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long
SIDACs. Correct mounting, soldering, and forming of the
leads also help protect against component damage.


同様の部品番号 - K0900Y

メーカー部品番号データシート部品情報
logo
Littelfuse
K0900Y LITTELFUSE-K0900Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K0900yURP LITTELFUSE-K0900yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

同様の説明 - K0900Y

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
1N4933GL LUGUANG-1N4933GL Datasheet
1Mb / 2P
   Glass Passivated Junctions
logo
First Silicon Co., Ltd
MB2M FS-MB2M Datasheet
196Kb / 2P
   Glass passivated chip junctions
logo
Fairchild Semiconductor
SS22-S210 FAIRCHILD-SS22-S210 Datasheet
41Kb / 3P
   Glass passivated junctions
logo
Diode Semiconductor Kor...
1N4933GL DSK-1N4933GL Datasheet
276Kb / 2P
   GLASS PASSIVATED JUNCTIONS
logo
Bruckewell Technology L...
B1S-B10S BWTECH-B1S-B10S Datasheet
418Kb / 4P
   Glass passivated chip junctions.
MB1S BWTECH-MB1S Datasheet
355Kb / 4P
   Glass passivated chip junctions.
logo
Mospec Semiconductor
F10C05 MOSPEC-F10C05 Datasheet
220Kb / 2P
   Glass Passivated chip junctions
logo
Gaomi Xinghe Electronic...
MB1S-10S GXELECTRONICS-MB1S-10S Datasheet
842Kb / 2P
   Glass passivated chip junctions
logo
First Silicon Co., Ltd
MB6S FS-MB6S Datasheet
201Kb / 2P
   Glass passivated chip junctions
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com