データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U17-215-R6C-AQ1R2B-3T データシート(PDF) 3 Page - Everlight Electronics Co., Ltd

部品番号 U17-215-R6C-AQ1R2B-3T
部品情報  0805 Package Chip LED (0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

U17-215-R6C-AQ1R2B-3T データシート(HTML) 3 Page - Everlight Electronics Co., Ltd

  U17-215-R6C-AQ1R2B-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd U17-215-R6C-AQ1R2B-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
17-215/R6C-AQ1R2B/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 3 of 10
Device No. :SZDSE-175-R05
Prepared date:14-Apr-2006
Prepared by: Gu Zhicheng
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Electrostatic Discharge(HBM)
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
72
-----
180
mcd
Viewing Angle
2θ1/2
-----
130
-----
deg
Peak Wavelength
λ
B
pB
-----
632
-----
nm
Dominant Wavelength
λ
B
dB
617.5
-----
633.5
nm
Spectrum Radiation
Bandwidth
△λ
-----
20
-----
nm
Forward Voltage
V
B
FB
1.75
-----
2.35
V
I
B
FB=20mA
Reverse Current
I
B
RB
-----
-----
10
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity: ±10%
2.Tolerance of Dominant Wavelength: ±1nm
3.Tolerance of Forward Voltage ±0.1V


同様の部品番号 - U17-215-R6C-AQ1R2B-3T

メーカー部品番号データシート部品情報
logo
C&K Components
U17 CK-COMPONENTS-U17 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Keysight Technologies
U1700 KEYSIGHT-U1700 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1701B KEYSIGHT-U1701B Datasheet
200Kb / 6P
   U1701B Handheld Capacitance Meter
logo
Agilent(Hewlett-Packard...
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Keysight Technologies
U1701B KEYSIGHT-U1701B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

同様の説明 - U17-215-R6C-AQ1R2B-3T

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T_11 Datasheet
204Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-AN1P2-3T EVERLIGHT-17-215-BHC-AN1P2-3T Datasheet
165Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-B6C-YP2R2-3T TO-GRACE-17-215-B6C-YP2R2-3T Datasheet
869Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-BP2Q2M-3T TO-GRACE-17-215-BHC-BP2Q2M-3T Datasheet
876Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T Datasheet
121Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-G6C-FN2P2B-3T EVERLIGHT-17-215-G6C-FN2P2B-3T Datasheet
152Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-AQ1R2B-3T EVERLIGHT-17-215-S2C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-B6C-YP2R2-3T EVERLIGHT-17-215-B6C-YP2R2-3T_11 Datasheet
203Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-S2C-CP2R1B-3T EVERLIGHT-17-215-S2C-CP2R1B-3T Datasheet
169Kb / 10P
   0805 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-S2C-AQ1R2B-3T TO-GRACE-17-215-S2C-AQ1R2B-3T Datasheet
990Kb / 10P
   0805 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com