データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC78MXX データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 MC78MXX
部品情報  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78MXX データシート(HTML) 3 Page - Fairchild Semiconductor

  MC78MXX Datasheet HTML 1Page - Fairchild Semiconductor MC78MXX Datasheet HTML 2Page - Fairchild Semiconductor MC78MXX Datasheet HTML 3Page - Fairchild Semiconductor MC78MXX Datasheet HTML 4Page - Fairchild Semiconductor MC78MXX Datasheet HTML 5Page - Fairchild Semiconductor MC78MXX Datasheet HTML 6Page - Fairchild Semiconductor MC78MXX Datasheet HTML 7Page - Fairchild Semiconductor MC78MXX Datasheet HTML 8Page - Fairchild Semiconductor MC78MXX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC78MXX/LM78MXX
3
Electrical Characteristics (MC78M06) (Continued)
(Refer to the test circuits, 0 < TJ < +125°C, IO=350mA, VI =11V, unless otherwise specified, CI=0.33μF, CO=0.1μF)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in Vo due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25°C
5.75
6
6.25
V
IO = 5mA to 350mA
VI = 8V to 21V
5.7
6
6.3
Line Regulation (Note1)
ΔVO
IO = 200mA
TJ = +25°C
VI = 8V to 25V
-
-
100
mV
VI = 9V to 25V
-
-
50
Load Regulation (Note1)
ΔVO
IO = 5mA to 0.5A, TJ = +25°C
-
-
120
mV
IO = 5mA to 200mA, TJ = +25°C-
-
60
Quiescent Current
IQ
TJ = +25°C-
4.0
6.0
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 9V to 25V
--
0.8
Output Voltage Drift
ΔV/ΔT
IO = 5mA
TJ = 0 to +125°C
--0.5
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
-
45
-
μV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 300mA
VI = 9V to 19V, TJ =+25 °C
-80
-
dB
Dropout Voltage
VD
TJ =+25°C, IO = 500mA
-
2
-
V
Short Circuit Current
ISC
TJ = +25°C, VI= 35V
-
300
-
mA
Peak Current
IPK
TJ =+25°C
-
700
-
mA


同様の部品番号 - MC78MXX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
ON Semiconductor
MC78MXX/A ONSEMI-MC78MXX/A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

同様の説明 - MC78MXX

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com