データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC79L15ACD データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 MC79L15ACD
部品情報  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79L15ACD データシート(HTML) 2 Page - Fairchild Semiconductor

  MC79L15ACD Datasheet HTML 1Page - Fairchild Semiconductor MC79L15ACD Datasheet HTML 2Page - Fairchild Semiconductor MC79L15ACD Datasheet HTML 3Page - Fairchild Semiconductor MC79L15ACD Datasheet HTML 4Page - Fairchild Semiconductor MC79L15ACD Datasheet HTML 5Page - Fairchild Semiconductor MC79L15ACD Datasheet HTML 6Page - Fairchild Semiconductor MC79L15ACD Datasheet HTML 7Page - Fairchild Semiconductor MC79L15ACD Datasheet HTML 8Page - Fairchild Semiconductor MC79L15ACD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC79LXXA/LM79LXXA
2
Absolute Maximum Ratings
Electrical Characteristics(MC79L05A/LM79L05A)
(VI = -10V, IO = 40mA, CI = 0.33μF, CO = 0.1μF, 0°C ≤TJ ≤ +125°C, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Value
Unit
Input Voltage (for Vo = -5V to -8V)
(for VO = -12V to -18V)
(for VO = -24V)
VI
-30
-35
-40
V
Operating Temperature Range
TOPR
0 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25°C
-4.8
-5.0
-5.2
V
Line Regulation (Note1)
ΔVO
TJ =+25°C
-7.0V
≥ VI ≥ -20V
-
15
150
mV
-8V
≥ VI ≥ -20V
-
-
100
mV
Load Regulation (Note1)
ΔVO
TJ =+25°C
1.0mA
≤ IO ≤ 100mA
-
20
60
mV
1.0mA
≤ IO ≤ 40mA
-
10
30
mV
Output Voltage
VO
-7.0V
≥ VI ≥ -20V, 1.0mA ≤ IO ≤ 40mA
-4.75
-
-5.25
V
VI = -10V, 1.0mA ≤ IO ≤ 70mA
-4.75
-
-5.25
V
Quiescent Current
IQ
TJ =+25°C-
2.0
5.5
mA
TJ = +125°C-
-
6.0
Quiescent Current
Change
With Line
ΔIQ
-8V
≥ VI ≥ -20V
-
-
1.5
mA
With Load
ΔIQ
1.0mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = +25°C,10Hz ≤ f ≤ 100kHz
-
30
-
μV
Ripple Rejection
RR
f = 120Hz, -8V
≥ VI ≥ -18V
TJ = +25°C
41
60
-
dB
Dropout Voltage
VD
TJ = +25°C-
1.7
-
V


同様の部品番号 - MC79L15ACD

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC79L15ACD MOTOROLA-MC79L15ACD Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79L15ACD ONSEMI-MC79L15ACD Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Fairchild Semiconductor
MC79L15ACD FAIRCHILD-MC79L15ACD Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Texas Instruments
MC79L15ACD TI-MC79L15ACD Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
ON Semiconductor
MC79L15ACD ONSEMI-MC79L15ACD Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

同様の説明 - MC79L15ACD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com