データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QXX40K7 データシート(PDF) 5 Page - Littelfuse

部品番号 QXX40K7
部品情報  40 Amp bi-directional solid state switch series is designed for AC switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX40K7 データシート(HTML) 5 Page - Littelfuse

  QXX40K7 Datasheet HTML 1Page - Littelfuse QXX40K7 Datasheet HTML 2Page - Littelfuse QXX40K7 Datasheet HTML 3Page - Littelfuse QXX40K7 Datasheet HTML 4Page - Littelfuse QXX40K7 Datasheet HTML 5Page - Littelfuse QXX40K7 Datasheet HTML 6Page - Littelfuse QXX40K7 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
151
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx40xx Series
40 Amp Alternistor (High Commutation) Triacs
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s (min))
150°C
-Temperature Max (T
s (max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Physical Specifications
Environmental Specifications
Test
Specifications and Conditions
AC Blocking
MIL-STD-750, M-1040, Cond A Applied
Peak AC voltage @ 125°C for 1008 hours
Temperature Cycling
MIL-STD-750, M-1051,
100 cycles; -40°C to +150°C; 15-min
dwell-time
Temperature/
Humidity
EIA / JEDEC, JESD22-A101
1008 hours; 320V - DC: 85°C; 85%
rel humidity
High Temp Storage
MIL-STD-750, M-1031,
1008 hours; 150°C
Low-Temp Storage
1008 hours; -40°C
Thermal Shock
MIL-STD-750, M-1056
10 cycles; 0°C to 100°C; 5-min dwell-
time at each temperature; 10 sec (max)
transfer time between temperature
Autoclave
EIA / JEDEC, JESD22-A102
168 hours (121°C at 2 ATMs) and
100% R/H
Resistance to
Solder Heat
MIL-STD-750 Method 2031
Solderability
ANSI/J-STD-002, category 3, Test A
Lead Bend
MIL-STD-750, M-2036 Cond E
Terminal Finish
100% Matte Tin-plated.
Body Material
UL recognized epoxy meeting flammability
classification 94V-0.
Lead Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
toward extending the operating life of the Thyristor. Good
design practice should limit the maximum continuous
current through the main terminals to 75% of the device
rating. Other ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection of
voltage ratings for worst case conditions. Overheating,
overvoltage (including dv/dt), and surge currents are
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect against
component damage.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


同様の部品番号 - QXX40K7

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX4 LITTELFUSE-QXX4 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results

同様の説明 - QXX40K7

メーカー部品番号データシート部品情報
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com