データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1627D1G25 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 DAC1627D1G25
部品情報  Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1627D1G25 データシート(HTML) 3 Page - NXP Semiconductors

  DAC1627D1G25 Datasheet HTML 1Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 2Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 3Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 4Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 5Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 6Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 7Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 8Page - NXP Semiconductors DAC1627D1G25 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
5.
Block diagram
Fig 1.
Block diagram
001aan827
IOUTBP
IOUTBN
IOUTAP
IOUTAN
AUXAP
AUXAN
sin
cos
+
OFFSET
CONTROL
DAC B
X
sin X
GAPOUT
VIRES
+
X
sin X
10-BIT
ANALOG GAIN
CONTROL
10-BIT
ANALOG GAIN
CONTROL
PHASE
COMP
PHASE
COMP
10-BIT
OFFSET
CONTROL
NCO
40-bit frequency setting
16-bit phase adjustment
10-BIT
OFFSET
CONTROL
REF.
BANDGAP
AND
BIASING
DAC A
AUX.
DAC
AUXBP
AUXBN
AUX.
DAC
x2
FIR 2
x2
FIR 1
MULTI-DAC
SYNCHRONIZATION
x2
FIR 2
x2
FIR 3
x2
FIR 3
x2
FIR 1
CLOCK GENERATOR/PLL
DCMSU
CDI
SPI
SDO
SDIO
SCS_N
SCLK
MDS
COARSE
LVDS
DDR/
DIF
CLKP
LDCLKN
LDCLKP
LD(15)N to
LD(0)N
LD(15)P to
LD(0)P
ALIGNN
ALIGNP
CLKN
MDSP
MDSN
RESET_N
DAC1627D
COMPLEX MODULATOR
+
+
+
-
16
16


同様の部品番号 - DAC1627D1G25

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

同様の説明 - DAC1627D1G25

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
   Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com