データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8295HN データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA8295HN
部品情報  Digital global standard low IF demodulator for analog TV and FM radio
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8295HN データシート(HTML) 4 Page - NXP Semiconductors

  TDA8295HN Datasheet HTML 1Page - NXP Semiconductors TDA8295HN Datasheet HTML 2Page - NXP Semiconductors TDA8295HN Datasheet HTML 3Page - NXP Semiconductors TDA8295HN Datasheet HTML 4Page - NXP Semiconductors TDA8295HN Datasheet HTML 5Page - NXP Semiconductors TDA8295HN Datasheet HTML 6Page - NXP Semiconductors TDA8295HN Datasheet HTML 7Page - NXP Semiconductors TDA8295HN Datasheet HTML 8Page - NXP Semiconductors TDA8295HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
TDA8295_C2_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 November 2009
4 of 83
NXP Semiconductors
TDA8295
Digital global standard low IF demodulator for analog TV and FM radio
CVBS output
Vo(p-p)
peak-to-peak output
voltage
negative PC modulation (all standards
except L/L-accent); 75
Ω DC load;
sync-white modulation
90 % (nominal)
0.8
1.0
1.2
V
positive PC modulation (L/L-accent
standard); 75
Ω DC load; sync-white
modulation
97 % (nominal)
0.8
1.0
1.2
V
Bvideo(−3dB)
−3 dB video bandwidth
overall video response; CVBS
equalizer flat
all standards except M/N
4.8
4.85
-
MHz
M/N standard
3.9
4.05
-
MHz
α
resp(f)
frequency response
video equalizer; 8 equally spaced
settings; value at 3.9 MHz
−5
-
+4.5
dB
Gdif
differential gain
“ITU-T J.63 line 330”
-
1.5
3
%
ϕ
dif
differential phase
“ITU-T J.63 line 330”
-
1.5
3
deg
(S/N)w
weighted signal-to-noise
ratio
all standards; unified weighting filter
(“ITU-T J.61”); PC at
−6 dBFS
58
62
-
dB
SSIF/mono sound output
Vo(SSIF)(RMS) RMS SSIF output voltage
1 k
Ω DC or AC load; no modulation;
PC / SC1 = 13 dB; scaled linearly for
all other ratios
all standards except B/G/H
30
35
40
mV
B/G/H standard
27
32
37
mV
FM radio (single carrier)
460
530
610
mV
Vo(AF)(RMS)
RMS AF output voltage
1 k
Ω DC or AC load
M standard; 54 % modulation
degree (
±13.5 kHz FM deviation
before pre-emphasis)
125
143
165
mV
B, G/H, I, D, K standard; 54 %
modulation degree (
±27 kHz
FM deviation before pre-emphasis)
125
143
165
mV
α
hr(AF)
AF headroom
before clipping; 1 k
Ω DC or AC load
M standard; related to
±25 kHz peak
deviation before pre-emphasis
7
7
7
dB
B, G/H, I, D, K standard; related to
±50 kHz peak deviation before
pre-emphasis
7
7
7
dB
THD
total harmonic distortion
FM; for 50 kHz deviation before
pre-emphasis (25 kHz for M standard)
-
0.1
0.2
%
AM; m = 80 %
-
0.6
1
%
Table 1.
Quick reference data …continued
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC / SC1 for L and M = 10 dB, all others 13 dB; residual picture carrier for L = 3 %,
all others 10 %; FM/AM modulation = 54 %, 1 kHz modulation frequency; measured in application PCB (see Figure 15) with
16 MHz crystal frequency, loaded with 75
Ω (CVBS) and 1 kΩ (SSIF/audio). Values are meant for ‘easy programming’
settings (recommended) except internal mono audio and IF demodulation. The low IF spectrum is delivered by a professional
downconverter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - TDA8295HN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8295HN NXP-TDA8295HN Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
More results

同様の説明 - TDA8295HN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
   Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com