データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL19W01-LH2T32 データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TL19W01-LH2T32
部品情報  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL19W01-LH2T32 データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TL19W01-LH2T32 Datasheet HTML 2Page - Toshiba Semiconductor TL19W01-LH2T32 Datasheet HTML 3Page - Toshiba Semiconductor TL19W01-LH2T32 Datasheet HTML 4Page - Toshiba Semiconductor TL19W01-LH2T32 Datasheet HTML 5Page - Toshiba Semiconductor TL19W01-LH2T32 Datasheet HTML 6Page - Toshiba Semiconductor TL19W01-LH2T32 Datasheet HTML 7Page - Toshiba Semiconductor TL19W01-LH2T32 Datasheet HTML 8Page - Toshiba Semiconductor TL19W01-LH2T32 Datasheet HTML 9Page - Toshiba Semiconductor TL19W01-LH2T32 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TL19W01-LH2(T32
2010-12-13
6
Packaging
This LED device is packed in an aluminum envelope with a silica gel and a moisture indicator to avoid moisture
absorption. The optical characteristics of the device may be affected by exposure to moisture in the air before
soldering and the device should therefore be stored under the following conditions:
1. This moisture proof bag may be stored unopened within 12 months at the following conditions.
Temperature: 5
°C~30°C
Humidity: 90% (max)
2. After opening the moisture proof bag, the device should be assembled within 168 hours in an environment of
5°C to 30°C/60% RH or below.
3. If upon opening, the moisture indicator card shows humidity 30% or above (Color of indication changes to
pink) or the expiration date has passed, the device should be baked in taping with reel.
After baking, use the baked device within 72 hours, but perform baking only once.
Baking conditions: 60
±5°C, for 24 to 48 hours.
Expiration date: 12 months from sealing date, which is imprinted on the label affixed.
4. Repeated baking can cause the peeling strength of the taping to change, then leads to trouble in mounting.
5. If the packing material of laminate would be broken, the hermeticity would deteriorate. Therefore, do not
throw or drop the packed devices.
Mounting Method
Soldering
• Reflow soldering (example)
• The product is evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under
the above conditions.
• Please perform the first reflow soldering with reference to the above temperature profile and within 168 h of
opening the package.
• Second reflow soldering
In case of second reflow soldering should be performed within 168 h of the first reflow under the above
conditions. Storage conditions before the second reflow soldering: 30
°C, 60% RH (max)
• When any soldering corrections are made manually,a hot-plate should be used and do not use soldering iron.
(only once at each soldering point)
• Do not perform wave soldering.
Land pattern dimensions for reference only
60~120 s
10 s max
240
°C max
4
°C/s max
140~160
°C
4
°C/s max
Time (s)
Temperature profile for Pb soldering (example)
Time (s)
Temperature profile for Pb-free soldering (example)
150~180
°C
4
°C/s max
5 s max
260
°C max
4
°C/s max
230
°C
60~120 s
(*)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
max
(*)
max
(*)
max
(*)
30~50s max
(*)
max
(*)
Unit : mm


同様の部品番号 - TL19W01-LH2T32

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TL19W01-L TOSHIBA-TL19W01-L Datasheet
280Kb / 10P
   LED lamps
TL19W01-L-T32 TOSHIBA-TL19W01-L-T32 Datasheet
280Kb / 10P
   LED lamps
More results

同様の説明 - TL19W01-LH2T32

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com