データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDR604 データシート(PDF) 1 Page - Solid States Devices, Inc

部品番号 SDR604
部品情報  Ultra Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSDI [Solid States Devices, Inc]
ホームページ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR604 データシート(HTML) 1 Page - Solid States Devices, Inc

  SDR604 Datasheet HTML 1Page - Solid States Devices, Inc SDR604 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR __ __
└ Screening 3/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Voltage
600 = 50V
601 = 100V
602 = 200V
603 = 300V
604 = 400V
605 = 500 V
606 = 600V
607 = 700V
608 = 800V
SDR600
Thru
SDR608
15 A, 45-60 nsec, 50-800 V
Ultra Fast Rectifier
Features:
Ultra Fast Recovery: 45-60 nsec Maximum
Low Reverse Leakage Current
Single Chip Construction
PIV to 800 Volts
Hermetically Sealed
High Surge Rating
Low Thermal Resistance
Also available in 2 Pin TO-59 or TO-111
Isolated Package upon request
TX, TXV, and Space Level Screening
Available
Maximum Ratings 2/
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR600
SDR601
SDR602
SDR603
SDR604
SDR605
SDR606
SDR607
SDR608
VRRM
VRWM
VR
50
100
200
300
400
500
600
700
800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA= 25°C)
IO
15
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA= 25°C)
IFSM
180
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
(Junction to Case)
RθJC
2.5
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @ 25ºC.
3/ Screened to MIL-PRF-19500.
DO-4:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0019C
DOC


同様の部品番号 - SDR604

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SDR604 SSDI-SDR604 Datasheet
315Kb / 2P
   15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
More results

同様の説明 - SDR604

メーカー部品番号データシート部品情報
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com