データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK4412 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 STK4412
部品情報  2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4412 データシート(HTML) 6 Page - Sanyo Semicon Device

  STK4412 Datasheet HTML 1Page - Sanyo Semicon Device STK4412 Datasheet HTML 2Page - Sanyo Semicon Device STK4412 Datasheet HTML 3Page - Sanyo Semicon Device STK4412 Datasheet HTML 4Page - Sanyo Semicon Device STK4412 Datasheet HTML 5Page - Sanyo Semicon Device STK4412 Datasheet HTML 6Page - Sanyo Semicon Device STK4412 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STK4412
No. 2860—6/7
Sample Application Circuit (protection circuit and muting circuit)
Thermal Design
The IC power dissipation of the STK4412 at the IC-oper-
ated mode is 26.8W max. at load resistance 8
Ω (simulta-
neous drive of 2 channels) for continuous sine wave as
shown in Figure 1.
In an actual application where a music signal is used, it is
impractical to estimate the power dissipation based on the
continuous signal as shown right, because too large a heat
sink must be used. It is reasonable to estimate the power
dissipation as 1/10 Po max. (EIAJ).
That is, Pd = 17.2W at 8
Thermal resistance
θc-a of a heat sink for this IC power
dissipation (Pd) is fixed under conditions 1 and 2 shown
below.
Figure 1. STK4412 Pd – Po (RL = 8Ω)
Output power, Po - W
Condition 1: TC = Pd × θc-a + Ta ≤ 125°C .............................................. (1)
where
Ta : Specified ambient temperature
TC : Operating substrate temperature
Condition 2: Tj = Pd
× (θc-a) + Pd/4 × (θj-c) + Ta ≤ 150°C.................... (2)
where
Tj : Junction temperature of power transistor
Assuming that the power dissipation is shared equally among the four power transistors (2 channels
× 2), thermal resis-
tance
θj-c is 3.6°C/W and
Pd
× (θc-a + 3.6/4) + Ta ≤ 150°C........................................ (3)


同様の部品番号 - STK4412

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK4412 ETC1-STK4412 Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

同様の説明 - STK4412

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
   AF Power Amplifier (7W 7W min, THD = 1.0%)
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
   AF Power Amplifier (10W 10W min, THD = 1.0%)
STK4432 SANYO-STK4432 Datasheet
244Kb / 7P
   AF Power Amplifier (25W 25W min, THD = 1.0%)
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
   AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
logo
Sanyo Semicon Device
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com