データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-050 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 STK672-050
部品情報  Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-050 データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-050 Datasheet HTML 2Page - Sanyo Semicon Device STK672-050 Datasheet HTML 3Page - Sanyo Semicon Device STK672-050 Datasheet HTML 4Page - Sanyo Semicon Device STK672-050 Datasheet HTML 5Page - Sanyo Semicon Device STK672-050 Datasheet HTML 6Page - Sanyo Semicon Device STK672-050 Datasheet HTML 7Page - Sanyo Semicon Device STK672-050 Datasheet HTML 8Page - Sanyo Semicon Device STK672-050 Datasheet HTML 9Page - Sanyo Semicon Device STK672-050 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK672-040
No. 5227—6/11
2-3. RETURN (It forcibly returns the phase to the origin of current exciting phase.)
1. Pin format
sCMOS Schmitt configuration containing pull-up resistor
(20k
Ω, typical value)
2. Noise eliminating circuit is contained.
3. Function
sForces to moves to the origin of current exciting phase by
setting the RETURN signal to high state.
2-4. ENABLE(ON/OFF control of exciting drive output A, A, B, and B and selection of
operation/hold state in HI-IC)
1. Pin format
sCMOS Schmitt configuration containing pull-up resistor
(20 k
Ω, typical value)
2. Function
a. When the ENABLE signal is set to a high state or it is opened.
It is usually placed in the operation status.
b. When the ENABLE signal is set to a low state
The H-IC is placed into the hold state, forcing the exciting drive output to be turned off.
At this time, the system clock of the HC stops, the H-IC is not affected if the input pin other
than the reset input changes.
2-5. M1, M2, and M3 (Selection of exciting modes and clock input edge timing)
1. Pin format
sCMOS Schmitt configuration containing the pull-up resistor
(20 k
Ω typical value)
2. Functions
3. Valid timing of mode setting
sThe mode must not be changed within 5
µs from the leading edge and
trailing edge of the clock.
M2
0
011
Phase switching clock edge timing
0
101
1
2 phase exciting
1-2 phase exciting
W1-2 phase exciting
2W1-2 phase exciting
Only the leading edge
0
1-2 phase exciting
W1-2 phase exciting
2W1-2 phase exciting
4W1-2 phase exciting
Leading edge and trailing edge
M1
M3


同様の部品番号 - STK672-050

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
logo
ON Semiconductor
STK672-050GEVB ONSEMI-STK672-050GEVB Datasheet
204Kb / 19P
   Thick-Film Hybrid IC
June, 2013
More results

同様の説明 - STK672-050

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK6711AMK4 SANYO-STK6711AMK4 Datasheet
105Kb / 4P
   4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
Sanyo Semicon Device
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 1.5A
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com