データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK732 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 STK732
部品情報  15 V Single Output MOS Chopper Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK732 データシート(HTML) 4 Page - Sanyo Semicon Device

  STK732 Datasheet HTML 1Page - Sanyo Semicon Device STK732 Datasheet HTML 2Page - Sanyo Semicon Device STK732 Datasheet HTML 3Page - Sanyo Semicon Device STK732 Datasheet HTML 4Page - Sanyo Semicon Device STK732 Datasheet HTML 5Page - Sanyo Semicon Device STK732 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STK732C
Thermal Design
The power dissipating sections of a power supply block consist of the power transistor (PTR), the flywheel diode
(FWD), the choke coil, and the current detection resistor. Of these, the components that are incorporated in the hybrid IC
itself are the PTR and the FWD.
Taking PT to be the power dissipated in the PTR and PF to be the power dissipated in the FWD, the power dissipation
Pd for the whole hybrid IC and the heat sink thermal resistance
θc-a can be expressed as follows.
Pd = (PT + PF)
[W]
θc-a =
Tc – Ta
[°C/W]
Pd
Tc: Substrate temperature (105°C, maximum)
Ta: IC ambient temperature
The junction temperature, Tj, of each element can be expressed as follows.
Tj = PD
× θj-c + Tc
[°C]
PD: Power loss for each element (PT, PF)
θj-c: The junction/case thermal resistance of each element
Thermal design consists of deriving the heat sink thermal resistance
θc-a that satisfies the two thermal conditions, i.e.,
the maximum IC substrate temperature Tc max (105°C) and the maximum junction temperature Tj max for each
semiconductor device, and then implementing that thermal resistance. Since thermal dissipation is greatly influenced by
the ambient temperature, the structure of the equipment itself, and other factors, ample margins must be included in the
thermal design to take them into account.
The figure below left shows the relationship between area and thermal resistance when an aluminum plate is used in the
thermal design. The radiation characteristics of an aluminum plate can be improved by painting the surface in black. This
can reduce the thermal resistance by 20% for a given surface area.
θj-c and Tj max for the STK732C
Parameter
θj-c
Tj max
PTR (FET)
3.5°C/W
150°C
FWD (FRD)
6.9°C/W
150°C
No. 4533-4/6
θc-a – S
Heat sink area, S – cm2
Pd – IO
Output current, IO – A


同様の部品番号 - STK732

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK7328 SANYO-STK7328 Datasheet
155Kb / 1P
   OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
More results

同様の説明 - STK732

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK730C SANYO-STK730C Datasheet
118Kb / 6P
   5 V Single Output MOS Chopper Regulator
STK733C SANYO-STK733C Datasheet
147Kb / 6P
   24 V Output MOS Chopper Regulator
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Sharp Corporation
PQ1CX22H2ZPQ SHARP-PQ1CX22H2ZPQ Datasheet
150Kb / 5P
   Low Output Bootstrap system Chopper Regulator
logo
Sanyo Semicon Device
STK750-010 SANYO-STK750-010 Datasheet
149Kb / 8P
   Chopper Regulator using MOS FET with Multi-Scan Support(1A Output Current)
logo
Infineon Technologies A...
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
   5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
logo
Sanyo Semicon Device
STK7561G SANYO-STK7561G Datasheet
72Kb / 3P
   Chopper Type Parallel 2-Output Voltage Regulator
STK7563A SANYO-STK7563A Datasheet
71Kb / 3P
   Chopper Type Parallel 2-Output Voltage Regulator?
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com