データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK740-480 データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 STK740-480
部品情報  3.3V/5A Single Output Separate Excitation Chopper Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK740-480 データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button STK740-480 Datasheet HTML 2Page - Sanyo Semicon Device STK740-480 Datasheet HTML 3Page - Sanyo Semicon Device STK740-480 Datasheet HTML 4Page - Sanyo Semicon Device STK740-480 Datasheet HTML 5Page - Sanyo Semicon Device STK740-480 Datasheet HTML 6Page - Sanyo Semicon Device STK740-480 Datasheet HTML 7Page - Sanyo Semicon Device STK740-480 Datasheet HTML 8Page - Sanyo Semicon Device STK740-480 Datasheet HTML 9Page - Sanyo Semicon Device STK740-480 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be expor ted without obtaining the expor t license from the author ities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of June, 1999. Specifications and information herein are subject to
change without notice.
STK740-441
PS No.6106–10/10


同様の部品番号 - STK740-480

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK740-480 SANYO-STK740-480 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
More results

同様の説明 - STK740-480

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com