データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ30AH データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 BUZ30AH
部品情報  SIPMOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ30AH データシート(HTML) 10 Page - Infineon Technologies AG

Back Button BUZ30AH Datasheet HTML 2Page - Infineon Technologies AG BUZ30AH Datasheet HTML 3Page - Infineon Technologies AG BUZ30AH Datasheet HTML 4Page - Infineon Technologies AG BUZ30AH Datasheet HTML 5Page - Infineon Technologies AG BUZ30AH Datasheet HTML 6Page - Infineon Technologies AG BUZ30AH Datasheet HTML 7Page - Infineon Technologies AG BUZ30AH Datasheet HTML 8Page - Infineon Technologies AG BUZ30AH Datasheet HTML 9Page - Infineon Technologies AG BUZ30AH Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2010 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of
conditions or characteristics. With respect to any examples or hints given herein, any typical
values stated herein and/or any information regarding the application of the device,
Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind,
including without limitation, warranties of non-infringement of intellectual property rights
of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please
contact the nearest Infineon Technologies Office
(www.infineon.com).
Warnings
Due to technical requirements, components may contain dangerous substances. For information
on the types in question, please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with
the express written approval of Infineon Technologies, if a failure of such components can
reasonably be expected to cause the failure of that life-support device or system or to affect
the safety or effectiveness of that device or system. Life support devices or systems are
intended to be implanted in the human body or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume that the health of the user
or other persons may be endangered.
Rev. 2.5
Page 10
2010-07-02
BUZ 30A H


同様の部品番号 - BUZ30AH

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BUZ30AH ISC-BUZ30AH Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
BUZ30AH3045A INFINEON-BUZ30AH3045A Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev.2.2 2010-07-02
More results

同様の説明 - BUZ30AH

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com