データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1323X データシート(PDF) 7 Page - Freescale Semiconductor, Inc

部品番号 MC1323X
部品情報  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC1323X データシート(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC1323X Datasheet HTML 3Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 4Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 5Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 6Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 7Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 8Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 9Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 10Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
MC1323x Advance Information, Rev. 0.0
Freescale Semiconductor
7
2.3.5
ZigBee-Compliant Network Stack
Freescale’s BeeStack architecture builds on the ZigBee protocol stack. Based on the OSI Seven-Layer
model, the ZigBee stack ensures inter-operability among networked devices. The physical (PHY), media
access control (MAC), and network (NWK) layers create the foundation for the application (APL) layers.
BeeStack defines additional services to improve the communication between layers of the protocol stack.
At the Application Layer, the application support layer (ASL) facilitates information exchange between
the Application Support Sub-Layer (APS) and application objects. Finally, ZigBee Device Objects (ZDO),
in addition to other manufacturer-designed applications, allow for a wide range of useful tasks applicable
to home and industrial automation.
BeeStack uses the IEEE 802.15.4-compliant MAC/PHY layer that is not part of ZigBee itself. The NWK
layer defines routing, network creation and configuration, and device synchronization. The application
framework (AF) supports a rich array of services that define ZigBee functionality. ZigBee Device Objects
(ZDO) implement application-level services in all nodes via profiles. A security service provider (SSP) is
available to the layers that use encryption (NWK and APS), i.e., Advanced Encryption Standard (AES)
128-bit security.
The complete Freescale BeeStack protocol stack includes the following components:
ZigBee Device Objects (ZDO) and ZigBee Device Profile (ZDP)
Application Support Sub-Layer (APS)
Application Framework (AF)
Network (NWK) Layer
Security Service Provider (SSP)
IEEE 802.15.4-compliant MAC and Physical (PHY) Layer
3
Integrated IEEE 802.15.4 Transceiver (Radio and
Modem)
The MC1323x IEEE 802.15.4 fully-compliant transceiver provides a complete 2.4 GHz radio with 250
kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 5.0 MHz channels and full spread-spectrum
encode and decode. The modem supports the full requirement of the IEEE 802.15.4 Standard functionality
to transmit, receive, and do clear channel assessment (CCA), Energy Detect (ED), and Link Quality
Indication (LQI).
Programmable output power with 0 dBm nominal output power, programmable from -30 dBm to
+2 dBm typical
Receive sensitivity of -94 dBm (typical) at 1% PER, 20-byte packet
Differential bi-directional RF input/output port
Integrated transmit/receive switch
Receive current can be reduced while waiting or “listening” for an incoming frame using partial
power down (PPD) mode


同様の部品番号 - MC1323X

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
More results

同様の説明 - MC1323X

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com