データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33810EK データシート(PDF) 2 Page - Freescale Semiconductor, Inc

部品番号 MCZ33810EK
部品情報  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33810EK データシート(HTML) 2 Page - Freescale Semiconductor, Inc

  MCZ33810EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33810EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33810EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33810EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33810EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33810EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33810EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33810EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33810EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33810
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Gate Control
Current Limit
Temperature Limit
Short/Open
VPWR, VDD
Oscillator
DIN0
V2.5
VPWR
DIN1
DIN2
DIN3
~50 µA
~50 µA
~50 µA
~50 µA
GIN0
GIN1
GIN2
GIN3
~50 µA
~50 µA
~50 µA
~50 µA
VDD
~5 0µA
SPKDUR
SO
VDD
SI
SCLK
CS
~50 µA
VDD
LOGIC CONTROL
SPI
OUTEN
+
RS
lLimit
VOC1
Outputs 0 to 3
75 µA
OUT1
OUT2
OUT3
NOMI
Exposed
Pad
VDD
~50 µA
VDD
Bandgap
MAXI
+
SPI
+
+
DAC
DAC
+−
VPWR
VOC
GPGD
Low V
Clamp
Clamp
100 µA
GATE DRIVE
CONTROL
SPARK DURATION
PARALLEL
CONTROL
PWM
CONTROLLER
NOMI,MAXI
DAC
SPARK
DAC
Under-voltage
POR, Over-voltage
V8.0 Analog
V2.5 Logic
Bias
NOMI
MAXI
RSP
RSN
GD1
GD2
GD3
GD0
FB1
FB2
FB3
OUT0
+
SPI
Open Secondary
FB0
GND
INTERFACE
Exposed Pad
~15 µA
~15 µA
Only
GPGD
Figure 2. 33810 Simplified Internal Block Diagram


同様の部品番号 - MCZ33810EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33810EK FREESCALE-MCZ33810EK Datasheet
1Mb / 35P
   Automotive Engine Control IC
MCZ33810EK/R2 FREESCALE-MCZ33810EK/R2 Datasheet
2Mb / 35P
   Automotive Engine Control IC
More results

同様の説明 - MCZ33810EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
   Automotive Engine Control IC
logo
Fairchild Semiconductor
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
   Automotive Engine Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com