データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33882 データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 33882
部品情報  Six Output Low Side Switch with SPI and Parallel Input Control
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33882_11 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33882_11 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33882_11 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33882_11 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33882_11 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33882_11 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33882
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SI Setup to Rising Edge (2.0 V) of SCLK (at 3.2 MHz)
Required Setup Time (38)
tSISU
45
ns
SO Setup to SCLK Rising (2.0 V)/Falling (0.8 V) Edge
Required Setup Time (38)
tSOSU
90
ns
SI Hold After Rising Edge (2.0 V) of SCLK (at 3.2 MHz)
Required Hold Time (38)
tSIHOLD
45
ns
SO Hold After SCLK Rising (2.0 V)/Falling (0.8 V) Edge
Required Hold Time (38)
tSOHOLD
90
ns
SO Rise Time
CL = 200 pF
tRSO
50
ns
SO Fall Time
CL = 200 pF
tFSO
50
ns
Falling Edge of CS (0.8 V) to SO Low-impedance (39)
tSOEN
110
ns
Rising Edge of CS (2.0 V) to SO High-impedance (40)
tSODIS
110
ns
Falling Edge of SCLK (0.8 V) to SO Data Valid
CL = 200 pF at 3.2 MHz (41)
tSOVALID
65
80
ns
CS
Rising Edge to Next Falling Edge (38)
Xfer DELAY
1.0
μs
Notes
38.
Parameter is not tested and values suggested are for system design consideration only in preventing the occurrence of double pulsing.
39.
Enable time required for SO. Pull-up resistor = 10 k
Ω.
40.
Disable time required for SO. Pull-up resistor = 10 k
Ω.
41.
Time required to obtain valid data out of SO following the falling edge of SCLK.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 17 V, -40 °C ≤ TA ≤ 125°C, unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - 33882_11

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
33882 FREESCALE-33882_09 Datasheet
796Kb / 27P
   Six-Output Low-Side Switch
More results

同様の説明 - 33882_11

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Freescale Semiconductor...
MC33397DW FREESCALE-MC33397DW Datasheet
575Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
logo
Freescale Semiconductor...
33882 FREESCALE-33882_09 Datasheet
796Kb / 27P
   Six-Output Low-Side Switch
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com