データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33904B5R2 データシート(PDF) 1 Page - Freescale Semiconductor, Inc

部品番号 MCZ33904B5R2
部品情報  SBC Gen2 with CAN High Speed and LIN Interface
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33904B5R2 データシート(HTML) 1 Page - Freescale Semiconductor, Inc

  MCZ33904B5R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33904B5R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33904B5R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33904B5R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33904B5R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33904B5R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33904B5R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33904B5R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33904B5R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
33903/
33903/4/5
EK Suffix (Pb-Free)
98ASA10556D
32-PIN SOIC
EK Suffix (Pb-Free)
98ASA10506D
54-PIN SOIC
ORDERING INFORMATION
See Table of Contents 2
SYSTEM BASIS CHIP
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33903_4_5
Rev. 6.0, 4/2011
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2010 - 2011. All rights reserved.
SBC Gen2 with CAN High Speed
and LIN Interface
The 33903/4/5 is the second generation family of the System Basis
Chip (SBC). It combines several features and enhances present
module designs. The device works as an advanced power
management unit for the MCU with additional integrated circuits such
as sensors, and CAN transceivers. It has a built-in enhanced high
speed CAN interface (ISO11898-2 and -5) with local and bus failure
diagnostics, protection, and Fail Safe Operation Modes. The SBC may
include zero, one or two LIN 2.1 interfaces with LIN output pin switches.
It includes up to four Wake-Up input pins that can also be configured as
output drivers for flexibility.
This device implements multiple Low Power (LP) Modes, with very
low-current consumption. In addition, the device is part of a family
concept where pin compatibility adds versatility to module design.
The 33903/4/5 also implements an innovative and advanced fail-safe
state machine and concept solution.
Features
• Voltage regulator for MCU, 5.0 or 3.3 V, part number selectable, with
possibility of usage external PNP to extend current capability and
share power dissipation
• Voltage, current, and temperature protection
• Extremely low quiescent current in (LP) Modes
• Fully-protected embedded 5.0 V regulator for the CAN driver
• Multiple under-voltage detections to address various MCU
specifications and system operation modes (i.e. cranking)
• Auxiliary 5.0 or 3.3 V SPI configurable regulator, for additional ICs,
with over-current detection and under-voltage protection
• MUX (except 33903) output pin for device internal analog signal
monitoring and power supply monitoring
• Advanced SPI, MCU, ECU power supply, and critical pins
diagnostics and monitoring.
• Multiple Wake-Up sources in (LP) Modes: CAN or LIN bus, I/O
transition, automatic timer, SPI message, and VDD over-current
detection.
• ISO11898-5 high speed CAN interface compatibility for baud rates of
40 kb/s to 1.0 Mb/s


同様の部品番号 - MCZ33904B5R2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33904B5R2 FREESCALE-MCZ33904B5R2 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
More results

同様の説明 - MCZ33904B5R2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com