データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5239B-LCC3 データシート(PDF) 2 Page - Seme LAB

部品番号 1N5239B-LCC3
部品情報  ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5239B-LCC3 データシート(HTML) 2 Page - Seme LAB

  1N5239B-LCC3 Datasheet HTML 1Page - Seme LAB 1N5239B-LCC3 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prelim. 1/99
1N5221B-LCC3
TOB-LCC
1N5281B-LCC3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Max Zener Impedance
Max Reverse Leakage Current
Max Zener Voltage
Temp. Coeff
+ 0.058
+ 0.062
+ 0.065
+ 0.068
+ 0.075
+ 0.076
+ 0.077
+ 0.079
+ 0.082
+ 0.082
+ 0.083
+ 0.084
+ 0.085
+ 0.086
+ 0.086
+ 0.087
+ 0.088
+ 0.089
+ 0.090
+ 0.091
+ 0.091
+ 0.092
+ 0.093
+ 0.094
+ 0.095
+ 0.095
+ 0.096
+ 0.096
+ 0.097
+ 0.097
+ 0.097
+ 0.098
+ 0.098
+ 0.099
+ 0.099
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
+ 0.110
Nominal
Zener Voltage
Vz @ IZT
Volts
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
60
62
68
75
82
87
91
100
110
120
130
140
150
160
170
180
190
200
ZZT @ IZT
Ohms
6.0
8.0
8.0
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
105
125
150
170
185
230
270
330
370
400
500
750
900
1100
1300
1500
1700
1900
2200
2400
2500
ZZK @ IZK = 0.25mA
Ohms
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
1000
1100
1300
1400
1400
1600
1700
2000
2200
2300
2600
3000
4000
4500
4500
5000
5500
5500
6000
6500
7000
IR
mmmmA
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
VR Volts
B, C & D
6.0
6.5
6.5
7.0
8.0
8.4
9.1
9.9
10
11
12
13
14
14
15
17
18
19
21
21
23
25
27
30
33
36
39
43
46
47
52
56
62
68
69
76
84
91
99
106
114
122
129
137
144
152
@
A
5.7
6.2
6.2
6.7
7.6
8.0
8.7
9.4
9.5
10.5
11.4
12.4
13.3
13.3
14.3
16.2
17.1
18.1
20
20
22
24
26
29
31
34
37
41
44
45
49
53
59
65
66
72
80
86
94
101
108
116
123
130
137
144
Test
Current
IZT
mA
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
1.8
1.7
1.5
1.4
1.4
1.3
1.1
1.0
0.95
0.90
0.85
0.80
0.74
0.68
0.66
0.65
Part No.
1N5236
1N5237
1N5238
1N5239
1N5240
1N5241
1N5242
1N5243
1N5244
1N5245
1N5246
1N5247
1N5248
1N5249
1N5250
1N5251
1N5252
1N5253
1N5254
1N5255
1N5256
1N5257
1N5258
1N5259
1N5260
1N5261
1N5262
1N5263
1N5264
1N5265
1N5266
1N5267
1N5268
1N5269
1N5270
1N5271
1N5272
1N5273
1N5274
1N5275
1N5276
1N5277
1N5278
1N5279
1N5280
1N5281
ELECTRICAL CHARACTERISTICS @ 25°C continued


同様の部品番号 - 1N5239B-LCC3

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
1N5239B-A DIODES-1N5239B-A Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Comchip Technology
1N5239B-G COMCHIP-1N5239B-G Datasheet
84Kb / 4P
   Axial Leaded Glass Zener Diode
logo
Diodes Incorporated
1N5239B-T DIODES-1N5239B-T Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Vishay Siliconix
1N5239B-TR VISHAY-1N5239B-TR Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 06-May-13
More results

同様の説明 - 1N5239B-LCC3

メーカー部品番号データシート部品情報
logo
Seme LAB
SML09GB22U2 SEME-LAB-SML09GB22U2 Datasheet
71Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM_02 Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
1N5711CSM SEME-LAB-1N5711CSM Datasheet
12Kb / 1P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML17GB15U2C SEME-LAB-SML17GB15U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML11GB15U2C SEME-LAB-SML11GB15U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML09GB22U2C SEME-LAB-SML09GB22U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODES IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
2N3501CSM4 SEME-LAB-2N3501CSM4 Datasheet
17Kb / 3P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com