データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5755 データシート(PDF) 7 Page - Analog Devices

部品番号 AD5755
部品情報  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5755 データシート(HTML) 7 Page - Analog Devices

Back Button AD5755 Datasheet HTML 3Page - Analog Devices AD5755 Datasheet HTML 4Page - Analog Devices AD5755 Datasheet HTML 5Page - Analog Devices AD5755 Datasheet HTML 6Page - Analog Devices AD5755 Datasheet HTML 7Page - Analog Devices AD5755 Datasheet HTML 8Page - Analog Devices AD5755 Datasheet HTML 9Page - Analog Devices AD5755 Datasheet HTML 10Page - Analog Devices AD5755 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD5755
Rev. 0 | Page 7 of 48
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
FAULT
VOL, Output Low Voltage
0.4
V
10 kΩ pull-up resistor to DVDD
VOL, Output Low Voltage
0.6
V
At 2.5 mA
VOH, Output High Voltage
3.6
V
10 kΩ pull-up resistor to DVDD
POWER REQUIREMENTS
AVDD
9
33
V
AVSS
−26.4
−10.8
V
DVDD
2.7
5.5
V
AVCC
4.5
5.5
V
AIDD
8.6
10.5
mA
Voltage output mode on all channels, output
unloaded, over supplies
7
7.5
mA
Current output mode on all channels,
AISS
−11
−8.8
mA
Voltage output mode on all channels, output
unloaded, over supplies
−1.7
mA
Current output mode on all channels
DICC
9.2
11
mA
VIH = DVDD, VIL = DGND, internal oscillator running,
over supplies
AICC
1
mA
Output unloaded, over supplies
IBOOST5
2.7
mA
Per channel, voltage output mode, output
unloaded, over supplies
1
mA
Per channel, current output mode
Power Dissipation
173
mW
AVDD = 15 V, AVSS = −15 V, dc-to-dc converter
enable, current output mode, outputs disabled
1Temperature range: −40°C to +105°C; typical at +25°C.
2 Guaranteed by design and characterization; not production tested.
3 For current outputs with internal RSET, the offset, full-scale, and TUE measurements exclude dc crosstalk. The measurements are made with all four channels enabled
loaded with the same code.
4 See the Current Output Mode with Internal RSET section for more explanation of the dc crosstalk.
5 Efficiency plots in Figure 54, Figure 55, Figure 5
6, and Figure 57 include the IBOOST quiescent current.
AC PERFORMANCE CHARACTERISTICS
AVDD = VBOOST_x = 15 V; AVSS = −15 V; DVDD = 2.7 V to 5.5 V; AVCC = 4.5 V to 5.5 V; dc-to-dc converter disabled; AGND = DGND =
GNDSWx = 0 V; REFIN = 5 V; voltage outputs: RL = 2 kΩ, CL = 220 pF; current outputs: RL = 300 Ω; all specifications TMIN to TMAX, unless
otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Voltage Output
Output Voltage Settling Time
11
μs
5 V step to ±0.03% FSR, 0 V to 5 V range
18
μs
10 V step to ±0.03% FSR, 0 V to 10 V range
13
μs
100 mV step to 1 LSB (16-bit LSB), 0 V to 10 V
range
Slew Rate
1.9
V/μs
0 V to 10 V range
Power-On Glitch Energy
150
nV-sec
Digital-to-Analog Glitch Energy
6
nV-sec
Glitch Impulse Peak Amplitude
25
mV
Digital Feedthrough
1
nV-sec
DAC to DAC Crosstalk
2
nV-sec
0 V to 10 V range
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.15
LSB p-p
16-bit LSB, 0 V to 10 V range
Output Noise Spectral Density
150
nV/√Hz
Measured at 10 kHz, midscale output, 0 V to 10 V
range
AC PSRR
83
dB
200 mV 50 Hz/60 Hz sine wave superimposed on
power supply voltage


同様の部品番号 - AD5755

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5755 AD-AD5755 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
More results

同様の説明 - AD5755

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com