データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6641-500EBZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD6641-500EBZ
部品情報  250 MHz Bandwidth DPD Observation Receiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6641-500EBZ データシート(HTML) 8 Page - Analog Devices

Back Button AD6641-500EBZ Datasheet HTML 4Page - Analog Devices AD6641-500EBZ Datasheet HTML 5Page - Analog Devices AD6641-500EBZ Datasheet HTML 6Page - Analog Devices AD6641-500EBZ Datasheet HTML 7Page - Analog Devices AD6641-500EBZ Datasheet HTML 8Page - Analog Devices AD6641-500EBZ Datasheet HTML 9Page - Analog Devices AD6641-500EBZ Datasheet HTML 10Page - Analog Devices AD6641-500EBZ Datasheet HTML 11Page - Analog Devices AD6641-500EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD6641
Rev. 0 | Page 8 of 28
SPI TIMING REQUIREMENTS
Table 5.
Parameter
Description
Limit
Unit
tDS
Setup time between the data and the rising edge of SCLK
2
ns min
tDH
Hold time between the data and the rising edge of SCLK
2
ns min
tCLK
Period of the SCLK
40
ns min
tS
Setup time between CSB and SCLK
2
ns min
tH
Hold time between CSB and SCLK
2
ns min
tHIGH
SCLK pulse width high
10
ns min
tLOW
SCLK pulse width low
10
ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative to the SCLK falling edge
10
ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to the SCLK rising edge
10
ns min
Timing Diagrams
N– 1
N
N+2
N+ 3
N+4
N+5
N+1
CLK+
CLK–
VIN±
tA
tCH
tCL
Figure 2. Input Interface Timing
PD[11:0]
OUTPUT DATA BUS
tCPD
tPCLK
tPCLK_CH
tSKEW
CLK+
CLK–
PCLK+
PCLK–
Figure 3. Parallel CMOS Mode Output Interface Timing
SP_SDFS
SP_SCLK
tDSDFS
Figure 4. SP_SDFS Propagation Delay


同様の部品番号 - AD6641-500EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
   Monolithic 12-Bit Quad DAC
REV. C
AD664 AD-AD664 Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640 Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
1Mb / 25P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
More results

同様の説明 - AD6641-500EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD6688 AD-AD6688 Datasheet
2Mb / 138P
   RF Diversity and 1.2 GHz Bandwidth Observation Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
   4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
logo
API Technologies Corp
SF0250BA02425S APITECH-SF0250BA02425S Datasheet
181Kb / 3P
   250 MHz SAW Filter 80 MHz Bandwidth
logo
Analog Devices
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
   Integrated Dual RF Transmitter, Receiver, and Observation Receiver
logo
Renesas Technology Corp
F1358 RENESAS-F1358 Datasheet
2Mb / 38P
   Zero-DistortionTM, Glitch-FreeTM , DPD Receiver
une 2015
logo
API Technologies Corp
SF0070CF51541T APITECH-SF0070CF51541T Datasheet
193Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51541T ICST-SF0070CF51541T Datasheet
189Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
SF0140CF51900T ICST-SF0140CF51900T Datasheet
190Kb / 2P
   140 MHz Filter 250 kHz Bandwidth
logo
Analog Devices
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
   Integrated Dual RF Transmitters and Observation Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com