データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDX63C データシート(PDF) 1 Page - Seme LAB

部品番号 BDX63C
部品情報  NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX63C データシート(HTML) 1 Page - Seme LAB

  BDX63C Datasheet HTML 1Page - Seme LAB BDX63C Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BDX63
BDX63A
BDX63B
BDX63C
NPN EPITAXIAL BASE
DARLINGTON POWER
TRANSISTOR
NPN epitaxial base transistors in
monolithic Darlington circuit for
audio output stages and general
amplifier and switching
applications.
PNP complements are:
BDX62, BDX62A, BDX62B, BDX62C.
VCEO
Collector - emitter voltage (open base)
VCBO
Collector - base voltage (open emitter)
VEBO
Emitter - base voltage (open collector)
IC
Collector current
ICM
Collector current (peak)
IB
Base current
Ptot
Total power dissipation at Tcase= 25°C
Tj
Maximum junction temperature
Tstj
Storage junction temperature
Rth j-mb
Thermal resistance, junction to mounting base.
60
80
100
120
V
80
100
120
140
V
5555
V
8A
12
A
150
mA
90
W
200
°C
-65 to 200
°C
1.94
°C / W
MECHANICAL DATA
Dimensions in mm
ABSOLUTE MAXIMUM RATINGS (Tcase=25°C unless otherwise stated)
TO3 Package.
Case connected to collector.
BDX BDX BDX BDX
63
63A
63B
63C
BE
4. 2
26.6 max.
10.9
2. 5
12 .8
9.0 max.
Prelim. 7/93
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


同様の部品番号 - BDX63C

メーカー部品番号データシート部品情報
logo
Comset Semiconductor
BDX63C COMSET-BDX63C Datasheet
152Kb / 4P
   NPN SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX63C ISC-BDX63C Datasheet
88Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Comset Semiconductor
BDX63C COMSET-BDX63C Datasheet
83Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX63C NJSEMI-BDX63C Datasheet
141Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
TT Electronics.
BDX63C TTELEC-BDX63C Datasheet
558Kb / 3P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
More results

同様の説明 - BDX63C

メーカー部品番号データシート部品情報
logo
Seme LAB
BDX67 SEME-LAB-BDX67 Datasheet
24Kb / 2P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
TT Electronics.
BDX63 TTELEC-BDX63 Datasheet
558Kb / 3P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
Fairchild Semiconductor
TIP120 FAIRCHILD-TIP120_08 Datasheet
540Kb / 5P
   NPN Epitaxial Darlington Transistor
TIP120TU FAIRCHILD-TIP120TU Datasheet
168Kb / 5P
   NPN Epitaxial Darlington Transistor
logo
Toshiba Semiconductor
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2088 TOSHIBA-2SD2088_03 Datasheet
120Kb / 5P
   Silicon NPN Epitaxial Type (Darlington power transistor)
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com