データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1276 データシート(PDF) 11 Page - Analog Devices

部品番号 ADM1276
部品情報  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1276 データシート(HTML) 11 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 7Page - Analog Devices ADM1276 Datasheet HTML 8Page - Analog Devices ADM1276 Datasheet HTML 9Page - Analog Devices ADM1276 Datasheet HTML 10Page - Analog Devices ADM1276 Datasheet HTML 11Page - Analog Devices ADM1276 Datasheet HTML 12Page - Analog Devices ADM1276 Datasheet HTML 13Page - Analog Devices ADM1276 Datasheet HTML 14Page - Analog Devices ADM1276 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
ADM1276
Rev. 0 | Page 11 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
0
1
2
3
4
5
VCC (V)
2
4
6
8
1012
141618
20
+25°C
+85°C
–40°C
Figure 4. Supply Current (ICC) vs. Supply Voltage (VCC)
0
1
2
3
4
5
–40
–20
0
TEMPERATURE (°C)
VCC = 20V
VCC = 12V
VCC = 2.95V
20
40
60
80
Figure 5. Supply Current (ICC) vs. Temperature
0
2
4
6
8
10
12
14
24
68
12
10
14
16
18
20
VCC (V)
+25°C
–40°C
+85°C
Figure 6. Gate Pull-Down Current (IGATEDN_SLOW) vs. Supply Voltage (VCC)
0
2
4
6
8
10
12
14
TEMPERATURE (°C)
VCC = 12V
–40
–20
0
20406080
Figure 7. Gate Pull-Down Current (IGATEDN_SLOW) vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
5
10
15
20
25
VGATE (V)
Figure 8. Gate Pull-Down Current (IGATEDN_SLOW) vs. Gate Voltage (VGATE)
–40
–35
–30
–25
–20
–15
–10
–5
0
2468
10
12
14
16
18
20
VCC (V)
Figure 9. Gate Pull-Up Current (IGATEUP) vs. Supply Voltage (VCC)


同様の部品番号 - ADM1276

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

同様の説明 - ADM1276

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com