データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4946-1L データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 TLE4946-1L
部品情報  High Precision Bipolar Hall-Effect Latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946-1L データシート(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4946-1L_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4946-1L_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4946-1L_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4946-1L_08 Datasheet HTML 9Page - Infineon Technologies AG TLE4946-1L_08 Datasheet HTML 10Page - Infineon Technologies AG TLE4946-1L_08 Datasheet HTML 11Page - Infineon Technologies AG TLE4946-1L_08 Datasheet HTML 12Page - Infineon Technologies AG TLE4946-1L_08 Datasheet HTML 13Page - Infineon Technologies AG TLE4946-1L_08 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLE4946-1L
Electrical and Magnetic Parameters
Data Sheet
7
Rev 1.2, 2008-12
5
Electrical and Magnetic Parameters
Table 5
Electrical Characteristics 1).
1) over operating range, unless otherwise specified. Typical values correspond to
VS =12 V and TA = 25°C
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
Supply current
I
S
2
4
6
mA
V
S = 2.7 V ... 18 V
Reverse current
I
SR
0
0.2
1
mA
V
S = – 18 V
Output saturation
voltage
V
QSAT
0.3
0.6
V
I
Q = 20 mA
Output leakage
current
I
QLEAK
0.05
10
µA
for
V
Q = 18 V
Output fall time
t
f
0.02
1
µs
R
L = 1.2 kΩ; CL = 50 pF
see: Figure 3 “Timing
Definition” on Page 9
Output rise time
t
r
0.4
1
µs
Chopper frequency
f
OSC
320
kHz
Switching
frequency
f
SW
0
15
2) To operate the sensor at the max. switching frequency, the value of the magnetic signal amplitude must be
1.4 times higher than for static fields.
This is due to the - 3 dB corner frequency of the low pass filter in the signal path.
2)
kHz
Delay time
3) Systematic delay between magnetic threshold reached and output switching
3)
t
d
13
µs
Output jitter
4) Jitter is the unpredictable deviation of the output switching delay
4)
t
QJ
1
µsRMS Typical value for square
wave signal 1 kHz
Power-on time
5) Time from applying
VS ≥ 2.7 V to the sensor until the output state is valid
5)
t
PON
13
µs
V
S ≥ 2.7 V
Thermal resistance
6) Thermal resistance from junction to ambient
6)
R
thJA
190
K/W
PG-SSO-3-2
Note: Typical characteristics specify mean values expected over the production spread.


同様の部品番号 - TLE4946-1L_08

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4946-1L INFINEON-TLE4946-1L Datasheet
156Kb / 9P
   High Precision Hall-Effect Switch
2004-03-04
TLE4946-1L INFINEON-TLE4946-1L Datasheet
904Kb / 20P
   High Precision Bipolar Hall-Effect Latch
V 1.1, October 2005
More results

同様の説明 - TLE4946-1L_08

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946H INFINEON-TLE4946H_05 Datasheet
904Kb / 20P
   High Precision Bipolar Hall-Effect Latch
V 1.1, October 2005
TLE4946-2K INFINEON-TLE4946-2K Datasheet
1Mb / 12P
   High Precision Hall Effect Latch
September 2008 Rev.1.0
TLE4946-2L INFINEON-TLE4946-2L Datasheet
1,023Kb / 12P
   High Precision Hall Effect Latch
June 2008 Rev 1.0
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Taiwan Semiconductor Co...
TSH190 TSC-TSH190 Datasheet
388Kb / 8P
   Bipolar High Voltage Hall Effect Latch
logo
Seiko Instruments Inc
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com