データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1001IJ5T データシート(PDF) 1 Page - Touchstone Semiconductor Inc

部品番号 TS1001IJ5T
部品情報  THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1001IJ5T データシート(HTML) 1 Page - Touchstone Semiconductor Inc

  TS1001IJ5T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1001IJ5T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS1001
Page 1
© 2011 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
Single 0.65V to 2.5V Operation
Supply current: 0.6μA (typ)
Offset voltage: 0.5mV (typ)
Low TCVOS: 20µV/°C (max)
AVOL Driving 100kΩ Load: 90dB (min)
Unity Gain Stable
Rail-to-rail Input and Output
No Output Phase Reversal
5-pin SC70 Package
APPLICATIONS
Battery/Solar-Powered Instrumentation
Portable Gas Monitors
Low-voltage Signal Processing
Nanopower Active Filters
Wireless Remote Sensors
Battery-powered Industrial Sensors
Active RFID Readers
Powerline or Battery Current Sensing
Handheld/Portable POS Terminals
DESCRIPTION
The TS1001 is the industry’s first sub-1µA supply
current, precision CMOS operational amplifier rated
to operate at a nominal supply voltage of 0.8V.
Optimized
for
ultra-long-life
battery-powered
applications, the TS1001 is Touchstone’s first
operational amplifier in the “NanoWatt Analog™”
high-performance analog integrated circuits portfolio.
The TS1001 exhibits a typical input offset voltage of
0.5mV, a typical input bias current of 25pA, and rail-
to-rail input and output stages. The TS1001 can
operate from single-supply voltages from 0.65V to
2.5V.
The TS1001’s combined features make it an excellent
choice in applications where very low supply current
and low operating supply voltage translate into very
long equipment operating time. Applications include:
nanopower active filters, wireless remote sensors,
battery and powerline current sensors, portable gas
monitors, and handheld/portable POS terminals.
The TS1001 is fully specified at VDD = 0.8V and over
the industrial temperature range (−40°C to +85°C)
and is available in a PCB-space saving 5-lead SC70
surface-mount package.
0.53
0.58
0.63
0.68
0.73
30%
25%
20%
15%
10%
5%
0%
Supply Current Distribution
Supply Current - µA
THE ONLY 0.8V/0.6µA RAIL-TO-RAIL OP AMP
TYPICAL APPLICATION CIRCUIT
A NanoWatt 2-Pole Sallen Key Low Pass Filter
Patent(s) Pending
NanoWatt Analog and the Touchstone Semiconductor logo are registered
trademarks of Touchstone Semiconductor, Incorporated.
VDD = 0.8V


同様の部品番号 - TS1001IJ5T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS1001IJ5T ETC-TS1001IJ5T Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001IJ5T SILABS-TS1001IJ5T Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
More results

同様の説明 - TS1001IJ5T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com