データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS9001-2 データシート(PDF) 6 Page - Touchstone Semiconductor Inc

部品番号 TS9001-2
部品情報  1.6V Nanopower Comparator with Internal Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9001-2 データシート(HTML) 6 Page - Touchstone Semiconductor Inc

  TS9001-2 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9001-2 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS9001
Page 6
TS9001DS r1p0
RTFDS
out of the region where oscillation occurs. Figure 2
illustrates the case in which an IN- input is a fixed
voltage and an IN+ is varied. If the input signals
were reversed, the figure would be the same with an
inverted output. To save cost and external pcb area,
an internal 4mV hysteresis circuit was added to the
TS9001-1/2.
Adding Hysteresis to the TS9001-1 Push-pull
Output Option
The TS9001-1 exhibits an internal hysteresis band
(VHYSB) of 4mV. Additional hysteresis can be
generated with three external resistors using positive
feedback as shown in Figure 3. Unfortunately, this
method also reduces the hysteresis response time.
The procedure to calculate the resistor values for the
TS9001-1 is as follows:
1)
Setting R2. As the leakage current at the IN
pin is less than 2nA, the current through R2
should be at least 0.2μA to minimize offset
voltage errors caused by the input leakage
current. The current through R2 at the trip
point is (VREF - VOUT)/R2.
In solving for R2, there are two formulas –
one each for the two possible output states:
R2 = VREF/IR2
or
R2 = (VCC - VREF)/IR2
From the results of the two formulae, the
smaller of the two resulting resistor values is
chosen. For example, when using the
TS9001-1 (VREF = 1.252V) at a VCC = 3.3V
and if IR2 = 0.2μA is chosen, then the
formulae above produce two resistor values:
6.26MΩ and 10.24MΩ - the 6.2MΩ standard
value for R2 is selected.
2)
Next, the desired hysteresis band (VHYSB) is
set. In this example, VHYSB is set to 100mV.
3)
Resistor R1 is calculated according to the
following equation:
R1 = R2 x (VHYSB/VCC)
and substituting the values selected in 1)
and 2) above yields:
R1 = 6.2MΩ x (100mV/3.3V) = 187.88kΩ.
The 187kΩ standard value for R1 is chosen.
4)
The trip point for VIN rising (VTHR) is chosen
such that VTHR > VREF x (R1 + R2)/R2 (VTHF
is the trip point for VIN falling). This is the
threshold voltage at which the comparator
switches its output from low to high as VIN
rises above the trip point. In this example,
VTHR is set to 3V.
5)
With the VTHR from Step 4 above, resistor R3
is then computed as follows:
R3 = 1/[VTHR/(VREF x R1) - (1/R1) - (1/R2)]
R3 = 1/[3V/(1.252V x 187kΩ)
- (1/187kΩ) - (1/6.2MΩ)] = 136.9kΩ
In this example, a 137kΩ, 1% standard
value resistor is selected for R3..
Figure 3
: Using Three Resistors Introduces
Additional Hysteresis in the TS9001-1.
Figure 2
: TS9001 Threshold Hysteresis Band


同様の部品番号 - TS9001-2

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS9001-2 SILABS-TS9001-2 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5 SILABS-TS9001-2IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5 SILABS-TS9001-2IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5T SILABS-TS9001-2IJ5T Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results

同様の説明 - TS9001-2

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com