データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1166 データシート(PDF) 8 Page - Infineon Technologies AG

部品番号 TC1166
部品情報  32-Bit Single-Chip Microcontroller TriCore
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1166 データシート(HTML) 8 Page - Infineon Technologies AG

Back Button TC1166 Datasheet HTML 4Page - Infineon Technologies AG TC1166 Datasheet HTML 5Page - Infineon Technologies AG TC1166 Datasheet HTML 6Page - Infineon Technologies AG TC1166 Datasheet HTML 7Page - Infineon Technologies AG TC1166 Datasheet HTML 8Page - Infineon Technologies AG TC1166 Datasheet HTML 9Page - Infineon Technologies AG TC1166 Datasheet HTML 10Page - Infineon Technologies AG TC1166 Datasheet HTML 11Page - Infineon Technologies AG TC1166 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
TC1165/TC1166
Summary of Features
Preliminary
Data Sheet
4
V1.0, 2008-04
– One General Purpose Timer Array Module (GPTA) with a powerful set of digital
signal filtering and timer functionality to realize autonomous and complex
Input/Output management
– One 16-channel Analog-to-Digital Converter unit (ADC) with selectable 8-bit, 10-
bit, or 12-bit, supporting 32 input channels
– One 2-channel Fast Analog-to-Digital Converter unit (FADC) with concatenated
comb filters for hardware data reduction: supporting 10-bit resolution, with
minimum conversion time of 262.5ns
32 analog input lines for ADC and FADC
81 digital general purpose I/O lines
Digital I/O ports with 3.3 V capability
On-chip debug support for OCDS Level 1 and 2 (CPU, PCP, DMA)
Power Management System
Clock Generation Unit with PLL
Core supply voltage of 1.5 V
I/O voltage of 3.3 V
Full Industrial and Multi-Market temperature range: -40° to +85°C
PG-LQFP-176-2 package


同様の部品番号 - TC1166

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1164 INFINEON-TC1164 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1167 INFINEON-TC1167 Datasheet
796Kb / 127P
   32-Bit Single-Chip Microcontroller
V1.3 2009-10
More results

同様の説明 - TC1166

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1796 INFINEON-TC1796 Datasheet
3Mb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com