データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1796 データシート(PDF) 8 Page - Infineon Technologies AG

部品番号 TC1796
部品情報  32-Bit Single-Chip Microcontroller TriCore
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1796 データシート(HTML) 8 Page - Infineon Technologies AG

Back Button TC1796 Datasheet HTML 4Page - Infineon Technologies AG TC1796 Datasheet HTML 5Page - Infineon Technologies AG TC1796 Datasheet HTML 6Page - Infineon Technologies AG TC1796 Datasheet HTML 7Page - Infineon Technologies AG TC1796 Datasheet HTML 8Page - Infineon Technologies AG TC1796 Datasheet HTML 9Page - Infineon Technologies AG TC1796 Datasheet HTML 10Page - Infineon Technologies AG TC1796 Datasheet HTML 11Page - Infineon Technologies AG TC1796 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 134 page
background image
TC1796
Summary of Features
Data Sheet
8
V1.0, 2008-04
– One MultiCAN Module with four CAN nodes and 128 free assignable message
objects for high efficiency data handling via FIFO buffering and gateway data
transfer (one CAN node supports TTCAN functionality)
– Two General Purpose Timer Array Modules (GPTA) with additional Local Timer
Cell Array (LTCA2) providing a powerful set of digital signal filtering and timer
functionality to realize autonomous and complex Input/Output management
– Two 16-channel Analog-to-Digital Converter units (ADC) with selectable 8-bit, 10-
bit, or 12-bit resolution
– One 4-channel Fast Analog-to-Digital Converter unit (FADC) with concatenated
comb filters for hardware data reduction: supporting 10-bit resolution, min.
conversion time of 280ns
44 analog input lines for ADC and FADC
123 digital general purpose I/O lines, 4 input lines
Digital I/O ports with 3.3 V capability
On-chip debug support for OCDS Level 1 and 2 (CPU, PCP3, DMA)
Dedicated Emulation Device chip for multi-core debugging, tracing, and calibration
via USB V1.1 interface available (TC1796ED)
Power Management System
Clock Generation Unit with PLL
Core supply voltage of 1.5 V
I/O voltage of 3.3 V
Full automotive temperature range: -40° to +125°C
P/PG-BGA-416-4 package


同様の部品番号 - TC1796

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TC1791 INFINEON-TC1791 Datasheet
3Mb / 153P
   32-Bit Single-Chip Microcontroller
V 1.1 2014-05
TC1793 INFINEON-TC1793 Datasheet
4Mb / 189P
   32-Bit Single-Chip Microcontroller
V 1.2 2014-05
TC1797 INFINEON-TC1797 Datasheet
5Mb / 190P
   32-Bit Single-Chip Microcontroller
V1.1 2009-04
TC1797 INFINEON-TC1797 Datasheet
2Mb / 192P
   32-Bit Single-Chip Microcontroller
V1.3 2014-08
TC1797 INFINEON-TC1797_14 Datasheet
2Mb / 192P
   32-Bit Single-Chip Microcontroller
V1.3 2014-08
More results

同様の説明 - TC1796

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1165 INFINEON-TC1165 Datasheet
1Mb / 133P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com